Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZ-RX Datasheet(PDF) 13 Page - Honeywell Accelerometers

Part # BZ-RX
Description  Basic Switches Standard
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

BZ-RX Datasheet(HTML) 13 Page - Honeywell Accelerometers

Back Button BZ-RX Datasheet HTML 8Page - Honeywell Accelerometers BZ-RX Datasheet HTML 9Page - Honeywell Accelerometers BZ-RX Datasheet HTML 10Page - Honeywell Accelerometers BZ-RX Datasheet HTML 11Page - Honeywell Accelerometers BZ-RX Datasheet HTML 12Page - Honeywell Accelerometers BZ-RX Datasheet HTML 13Page - Honeywell Accelerometers BZ-RX Datasheet HTML 14Page - Honeywell Accelerometers BZ-RX Datasheet HTML 15Page - Honeywell Accelerometers BZ-RX Datasheet HTML 16Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
58
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
MOUNTING DIMENSIONS (For reference only)
PIN PLUNGERS
BZ/BM
BA/BE
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Fig. 4-A
PIN PLUNGERS — SPECIAL
CIRCUITRY
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Mounting holes accept pins or screws of
.139 (3,53 mm) diameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com