Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9B
Description  DIP HC-49S 9B SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Specifications
Features
Resistance welded type crystal units.
A great number of standard frequencies.
Higher frequency pullibility and lower equivalent series resistance.
Lower cost and highly mass production capability.
The best choice of TV, STB, LCDM and Cable Modem.
RoHS Compliant / Pb Free
>
>
>
>
>
>
Dimensions
Item / Type
9B
DIP HC-49S 9B SERIES
Equivalent Series Resistance(ESR)
3rd Overtone
03
Units:mm
Remark : Specification subject to change without prior notice. Please confirm with our sales. http://www.txccorp.com
Frequency Range
Frequency Tolerance (at 25 ºC)
Frequency Stability Over Operating Temperature Range
Operating Temperature Range
Shunt Capacitance (C0)
Drive Level
Load Capacitance
Aging (at 25 ºC)
Storage Temperature Range
27 ~ 30 MHz
30 ~ 50 MHz
50 ~ 90 MHz
200 Ω Max.
150 Ω Max.
80 Ω Max.
40 Ω Max.
30 Ω Max.
100 Ω Max.
80 Ω Max.
60 Ω Max.
Fundamental
Q u ar t z C ry sta l s
3.2 ~ 90 MHz
± 30 ppm, or specify
± 30 ppm (- 20 ~ +70 ºC), or specify
- 20 ~ +70 ºC
7 pF Max.
18 pF, or specify
± 3 ppm / year Max.
- 40 ~ + 85 ºC
3.2 ~ 3.686 MHz
3.686 ~ 5 MHz
5 ~ 10 MHz
10 ~ 14 MHz
14 ~ 30 MHz
1 ~ 500 μW (100 μW typical)


Similar Description - 9B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
711-L07A-U OSCILENT-711-L07A-U Datasheet
147Kb / 3P
HC-49U / HC-49T Monolithic Dip Type
logo
Tyco Electronics
2-1437539-6 MACOM-2-1437539-6 Datasheet
933Kb / 4P
DIP SOCKET, 800 SERIES
logo
ILSI America LLC
I202 ILSI-I202 Datasheet
48Kb / 2P
Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
I212 ILSI-I212 Datasheet
47Kb / 2P
Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
logo
Tyco Electronics
GDH10S04 MACOM-GDH10S04 Datasheet
129Kb / 1P
DIP SWITCH GDH SERIES
logo
List of Unclassifed Man...
9C ETC2-9C Datasheet
386Kb / 1P
SMD HC-49S 9C SERIES
logo
ILSI America LLC
HCOF ILSI-HCOF Datasheet
57Kb / 2P
Metal Package Full Size DIP and Half DIP, TTL / HC-MOS
logo
Maxwell Technologies
BCAP0001 MAXWELL-BCAP0001 Datasheet
939Kb / 9P
HC SERIES ULTRACAPACITORS
logo
List of Unclassifed Man...
AT-24.000MAGE-T ETC2-AT-24.000MAGE-T Datasheet
1Mb / 1P
Metal Can Type Crystals HC-49S SMD AT Series
logo
E-SWITCH
KAE E-SWITCH-KAE Datasheet
1Mb / 3P
KAE Series DIP Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com