Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMPD
Description  Packaging Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMPD Datasheet(HTML) 1 Page - Vishay Siliconix

  SMPD Datasheet HTML 1Page - Vishay Siliconix SMPD Datasheet HTML 2Page - Vishay Siliconix SMPD Datasheet HTML 3Page - Vishay Siliconix SMPD Datasheet HTML 4Page - Vishay Siliconix SMPD Datasheet HTML 5Page - Vishay Siliconix SMPD Datasheet HTML 6Page - Vishay Siliconix SMPD Datasheet HTML 7Page - Vishay Siliconix SMPD Datasheet HTML 8Page - Vishay Siliconix SMPD Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
1
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Packaging Information
Notes
(1) Formerly sold by Vishay Telefunken® (Telefunken® is a registered trademark of Electro Holding GmbH).
• “P” and bold letter denotes preferred package code.
• A “T” suffix added to the packaging codes for SMA, SMB and SMC products indicates that the patented folded-frame construction is used.
This does not apply to TR and TR3 codes or TRANSZORB® TVS in SMA and SMB.
PACKAGING ORDERING CODE
ANTI-STATIC
PACKAGE CODE
PREFERRED
PACKAGE CODE
PACKAGING DESCRIPTION
51
Bulk
52, 52T
P
DO-214AA (SMB)/DO-215AA (SMBG), 12 mm tape, 7" diameter plastic reel
2D
P
DO-218AB (SM5-8A), 24 mm tape, 13" diameter plastic reel, anode towards sprocket hole
2E
DO-218AB (SM5-8A), 24 mm tape, 13" diameter plastic reel, cathode towards sprocket hole
2M
Tube packaging for 5KP/6KA type lead formed components
2N
DO-218AB, 24 mm tape, 13 "diameter plastic reel with dry packaging, anode towards sprocket hole
53
26 mm horizontal taping and ammo box packaging
54
P
52.4 mm horizontal tape, 13" diameter paper reel
5A, 5AT
P
DO-214AC (SMA), 12 mm tape, 13" diameter plastic reel
5B, 5BT
P
DO-214AA (SMB)/DO-215AA (SMBG), 12 mm tape, 13" diameter plastic reel
5CA
P
DO-214BA (GF1), 12 mm tape, 13" diameter plastic reel
57, 57T
P
DO-214AB (SMC)/DO-215AB (SMCG), 16 mm tape, 7" diameter plastic reel
6A
P
DO-221AC (SlimSMA), 12 mm tape, 7"diameter plastic reel
6B
P
DO-221AC (SlimSMA), 12 mm tape, 13"diameter plastic reel
9A, 9AT
P
DO-214AB (SMC)/DO-215AB (SMCG), 16 mm tape, 13" diameter plastic reel
61, 61T
P
DO-214AC (SMA), 12 mm tape, 7" diameter plastic reel
67A
P
DO-214BA (GF1), 12 mm tape, 7" diameter plastic reel
72
P
Bulk pack for bridge and special axial-leaded formed devices
73
52.4 mm horizontal tape and ammo box packaging
77
P
DFS bridge, 16 mm tape, 13" diameter paper reel
80
P
TO-269AA (MB-S) bridge, 12 mm tape, 13" diameter paper reel
81
P
TO-263AB 24 mm tape, 13" diameter reinforced hub plastic reel
8A
P
SMPD, 24 mm tape, 13" diameter plastic reel
8W
P
TO-263AB (wire bond) 24 mm tape, 13" diameter reinforced hub plastic reel
83
P
DO-213AA (GL34) 8 mm tape, 13" diameter plastic reel
84A
P
DO-220AA (SMP) 12 mm tape, 7" diameter plastic reel
85A
P
DO-220AA (SMP) 12 mm tape, 13" diameter plastic reel
86A
P
TO-277A (SMPC), 12 mm tape, 7" diameter plastic reel
87A
P
TO-277A (SMPC), 12 mm tape, 13" diameter plastic reel
38
Lead forming bulk packaging in anti-static bags
89A
P
MicroSMP, 8 mm tape, 7" diameter plastic reel
90
Euroform, reel, cathode first off reel, lead coated
91
Euroform, ammo pack, cathode first out of ammo pack, lead coated
92
Euroform, reel, cathode last off reel, lead coated
93
Euroform, ammo pack, cathode last out of ammo pack, lead coated
45
P
Anti-static tube packaging for Bridge and Power Pack
4W
P
Anti-static tube packaging for wire bond TO-220, ITO-220, TO-262 and TO-263
96
P
DO-213AB (GL41), 12 mm tape, 7" diameter plastic reel
97
P
DO-213AB (GL41), 12 mm tape, 13" diameter plastic reel
98
P
DO-213AA (GL34), 8 mm tape, 7" diameter plastic reel
100
MPG06 pseudo radial tape, cathode first out of ammo pack
H
P
Tape in 7" diameter plastic reel
I
P
Tape in 13" diameter plastic reel
TR
P
DO-214AC (SMA), 12 mm tape, 7" diameter plastic reel (1)
TR3
P
DO-214AC (SMA), 12 mm tape, 13" diameter plastic reel (1)


Similar Part No. - SMPD

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SMPD0104 BEL-SMPD0104 Datasheet
92Kb / 2P
Surface Mount Power Cross Protection Fuse
logo
SeCoS Halbleitertechnol...
SMPD10100L SECOS-SMPD10100L Datasheet
246Kb / 2P
100V, 10A Low VF Schottky Barrier Rectifiers
SMPD10100L SECOS-SMPD10100L Datasheet
140Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SMPD10100L SECOS-SMPD10100L_18 Datasheet
140Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SMPD10120L SECOS-SMPD10120L Datasheet
225Kb / 2P
120V, 10A Low VF Schottky Barrier Rectifiers
More results

Similar Description - SMPD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51622ARSMR TI-TPS51622ARSMR Datasheet
829Kb / 10P
PACKAGING INFORMATION
logo
Vishay Siliconix
SS23-E3 VISHAY-SS23-E3 Datasheet
246Kb / 9P
Packaging Information
01-Feb-13
DF10SA-E3 VISHAY-DF10SA-E3 Datasheet
240Kb / 9P
Packaging Information
01-Feb-13
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
Packaging Information
05-Mar-14
SIHP33N60E VISHAY-SIHP33N60E Datasheet
396Kb / 9P
Packaging Information
18-Mar-14
logo
Torex Semiconductor
SMA-XG TOREX-SMA-XG Datasheet
76Kb / 1P
Packaging Information
SOD-123P TOREX-SOD-123P Datasheet
173Kb / 2P
Packaging Information
SOT-23D TOREX-SOT-23D Datasheet
229Kb / 3P
Packaging Information
TO-252 TOREX-TO-252 Datasheet
121Kb / 2P
Packaging Information
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
Packaging Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com