Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP723ABG Datasheet(PDF) 3 Page - Littelfuse

Part # SP723ABG
Description  5pF 8kV Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP723ABG Datasheet(HTML) 3 Page - Littelfuse

  SP723ABG Datasheet HTML 1Page - Littelfuse SP723ABG Datasheet HTML 2Page - Littelfuse SP723ABG Datasheet HTML 3Page - Littelfuse SP723ABG Datasheet HTML 4Page - Littelfuse SP723ABG Datasheet HTML 5Page - Littelfuse SP723ABG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
77
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPA™Family of Products)
Revision: March 20, 2012
SP723 Lead-Free/Green Series
General Purpose ESD Protection - SP723 Series
ESD Capability
ESD capability is dependent on the application and defined
test standard.The evaluation results for various test
standards and methods based on Figure 1 are shown in
Table 1.
The SP723 has a Level 4 HBM capability when tested as a
device to the IEC 61000-4-2 standard. Level 4 specifies a
required capability greater than 8kV for direct discharge and
greater than 15kV for air discharge.
For the “Modified” MIL-STD-3015.7 condition that is
defined as an “in-circuit” method of ESD testing, the V+
and V- pins have a return path to ground and the SP723
ESD capability is typically greater than 25kV from 100pF
through 1.5kΩ. By strict definition of MIL-STD-3015.7 using
“pin-to-pin” device testing, the ESD voltage capability is
greater than 10kV.
For the SP723 EIAJ IC121 Machine Model (MM) standard,
the ESD capability is typically greater than 2kV from 200pF
with no series resistance.
Standard
Type/Mode
R
D
C
D
±V
D
IEC 1000-4-2
(Level 4)
HBM, Air Discharge
330 Ω
150pF
15kV
HBM, Direct Discharge
330 Ω
150pF
8kV
MIL-
STD-3015.7
Modified HBM
1.5k Ω
100pF
25kV
Standard HBM
1.5k Ω
100pF
10kV
EIAJ IC121
Machine Model
0k Ω
200pF
2kV
EIAJ IC121
Machine Model
0kΩ
200pF
1kV
H.V.
SUPPLY
VD
IN
DUT
CD
R1
IEC 1000-4-2: R 1 50 to 100M
RD
CHARGE
SWITCH
DISCHARGE
SWITCH
MIL-STD-3015.7: R 1 1 to 10M
600
800
1000
1200
200
160
120
80
40
0
T
A = 25°C
SINGLE PULSE
FORWARD SCR VOLTAGE DROP (mV)
5
4
3
2
1
0
T
A = 25ºC
SINGLE PULSE
V FWD
IFWD
EQUIV. SAT. ON.
THRESHOLD ~ 1.1V
FORWARD SCR VOLTAGE DROP (V)
0
1
2
3
Figure 1: Electrostatic Discharge Test
Table 1: ESD Test Conditions
Figure 3: High Current SCR Forward Voltage Drop Curve
Figure 2: Low Current SCR Forward Voltage Drop Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com