Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F38DM Datasheet(PDF) 3 Page - Texas Instruments

Part # 54F38DM
Description  54F38 74F38 Quad Two-Input NAND Buffer (Open Collector)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54F38DM Datasheet(HTML) 3 Page - Texas Instruments

  54F38DM Datasheet HTML 1Page - Texas Instruments 54F38DM Datasheet HTML 2Page - Texas Instruments 54F38DM Datasheet HTML 3Page - Texas Instruments 54F38DM Datasheet HTML 4Page - Texas Instruments 54F38DM Datasheet HTML 5Page - Texas Instruments 54F38DM Datasheet HTML 6Page - Texas Instruments 54F38DM Datasheet HTML 7Page - Texas Instruments 54F38DM Datasheet HTML 8Page - Texas Instruments 54F38DM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
An Bn
Inputs
1020
20 mA b12 mA
On
Outputs
OC
1066 (80)
OC
64 mA (48 mA)
OC e Open Collector
Function Table
Inputs
Output
AB
O
LL
H
LH
H
HL
H
HH
L
H e HIGH Voltage Level
L e LOW Voltage Level
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com