Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC339DB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDC339DB
Description  CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC339DB Datasheet(HTML) 3 Page - Texas Instruments

  CDC339DB Datasheet HTML 1Page - Texas Instruments CDC339DB Datasheet HTML 2Page - Texas Instruments CDC339DB Datasheet HTML 3Page - Texas Instruments CDC339DB Datasheet HTML 4Page - Texas Instruments CDC339DB Datasheet HTML 5Page - Texas Instruments CDC339DB Datasheet HTML 6Page - Texas Instruments CDC339DB Datasheet HTML 7Page - Texas Instruments CDC339DB Datasheet HTML 8Page - Texas Instruments CDC339DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CDC339
CLOCK DRIVER
WITH 3STATE OUTPUTS
SCAS331 − DECEMBER 1992 − REVISED MARCH 1994
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4.75
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
IOH
High-level output current
−48
mA
IOL
Low-level output current
48
mA
fclock
Input clock frequency
80
MHz
TA
Operating free-air temperature
−40
85
°C
NOTE 3: Unused pins (input or I/O) must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = −18 mA
−1.2
V
VOH
VCC = 4.75 V,
IOH = − 48 mA
2
V
VOL
VCC = 4.75 V,
IOL = 48 mA
0.5
V
IIH
VCC = 5.25 V,
VI = 2.7 V
50
µA
IIL
VCC = 5.25 V,
VI = 0.5 V
−50
µA
IOZ
VCC = 5.25 V,
VO = 2.7 V or 0.5 V
±50
µA
IO‡
VCC = 5.25 V,
VO = 2.5 V
−50
− 180
mA
VCC = 5.25 V,
IO = 0,
Outputs high
70
ICC
VCC = 5.25 V,
IO = 0,
VI = VCC or GND
Outputs low
85
mA
ICC
VI = VCC or GND
Outputs disabled
70
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = 2.5 V or 0.5 V
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
fclock
Clock frequency
80
MHz
CLR low
4
tw
Pulse duration
CLK low
4
ns
tw
Pulse duration
CLK high
4
ns
tsu
Setup time
CLR inactive before CLK
↑
2
ns
Clock duty cycle
40%
60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com