Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 1 Page - Texas Instruments

  DAC8760IPWPR Datasheet HTML 1Page - Texas Instruments DAC8760IPWPR Datasheet HTML 2Page - Texas Instruments DAC8760IPWPR Datasheet HTML 3Page - Texas Instruments DAC8760IPWPR Datasheet HTML 4Page - Texas Instruments DAC8760IPWPR Datasheet HTML 5Page - Texas Instruments DAC8760IPWPR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DAC
GND
DAC7760
DAC8760
AV
DD
DV
DD-EN
AV
SS
DV
DD
Pre-
Conditioning
Current
Source
I
ENABLE
ISET-R
I
GAIN
V
GAIN
V
ENABLE
Current Output Stage
Voltage Output Stage
Watchdog
Timer
Slew Rate
Control
User Calibration
Gain/Offset
Register
DAC Input
Register
Thermal
Shutdown
Internal
Reference
CMP
–
V
SENSE
+V
SENSE
V
OUT
I
OUT
ALARM
BOOST
REFOUT
REFIN
HART
IN
LATCH
SCLK
DIN
SDO
CLR
CLR-SEL
DAC7760
DAC8760
www.ti.com
SBAS528 – JUNE 2013
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output
Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
Check for Samples: DAC7760, DAC8760
1
FEATURES
DESCRIPTION
The DAC7760 and DAC8760 are low-cost, precision,
23
•
Output Current: 4 mA to 20 mA;
fully-integrated, 12-bit and 16-bit digital-to-analog
0 mA to 20 mA; 0 mA to 24 mA
converters
(DACs)
designed
to
meet
the
•
Voltage Output:
requirements
of
industrial
process
control
–
0 V to 5 V; 0 V to 10 V; ±5 V; ±10 V
applications. The output can be programmed as a
current output with a range of 4 mA to 20 mA, 0 mA
–
0 V to 5.5 V; 0 V to 11 V; ±5.5 V; ±11 V
to 20 mA, or 0 mA to 24 mA; or the output can be
(10% Overrange)
programmed as a voltage output with a range of 0 V
•
±0.1% FSR Total Unadjusted Error (TUE) Max
to 5 V, 0 V to 10 V, ±5 V, or ±10 V, with a 10%
•
DNL: ±1 LSB Max
overrange.
•
Simultaneous Voltage and Current Output
A user calibration can be performed on the zero and
gain registers to calibrate the device in the end
•
Internal 5-V Reference (10 ppm/°C, max)
system. The output slew rate is also programmable
•
Internal 4.5-V Power-Supply Generator
via register. These devices include a power-on-reset
•
HART® Compatible Input
function to ensure that the device powers up in a
•
Reliability Features:
known state (both IOUT and VOUT are disabled and in
a Hi-Z state). The CLR and CLR-SEL pins set the
–
CRC and Frame Error Check
voltage outputs to zero-scale or midscale and the
–
Watchdog Timer
current output to the low end of the range if output is
–
Thermal Alarm
enabled. These devices are implemented with a
HART signal interface to superimpose an external
–
Open, Compliance Alarm, Short Current
HART signal on the current output and can operate
Limit
with either a single +10-V to +36-V supply, or dual
–
On-Chip Fault Alarm
supplies of up to ±18 V. All versions are available in
•
Wide Temperature Range: –40°C to +125°C
both
6-mm
×
6-mm
QFN-40
and
TSSOP-24
packages.
•
6-mm × 6-mm QFN-40 and TSSOP-24
Packages
RELATED DEVICES
CURRENT AND
CURRENT
APPLICATIONS
RESOLUTION (Bits)
VOLTAGE OUTPUT
OUTPUT
12
DAC7760
DAC7750
•
4-mA to 20-mA Current Loops
16
DAC8760
DAC8750
•
Analog Output Modules
•
Programmable Logic Controllers (PLCs)
•
Sensors and Transducers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
HART is a registered trademark of the HART Communication Foundation.
3
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2013, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - DAC8760IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8760IPWPR TI1-DAC8760IPWPR Datasheet
4Mb / 63P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC8760IPWPR TI2-DAC8760IPWPR Datasheet
6Mb / 69P
DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC8760IPWPR.A TI2-DAC8760IPWPR.A Datasheet
6Mb / 69P
DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC8760IPWPR.B TI2-DAC8760IPWPR.B Datasheet
6Mb / 69P
DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC8760IPWPRG4 TI2-DAC8760IPWPRG4 Datasheet
6Mb / 69P
DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
More results

Similar Description - DAC8760IPWPR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
DAC7750 TI-DAC7750_15 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI-DAC7760_15 Datasheet
4Mb / 59P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750 TI1-DAC7750 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI1-DAC7760 Datasheet
4Mb / 63P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC8775 TI1-DAC8775 Datasheet
7Mb / 81P
Quad-Channel, 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter with Adaptive Power Management
DAC8771 TI1-DAC8771 Datasheet
4Mb / 77P
Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com