Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1812K75ATELEG2 Datasheet(PDF) 2 Page - EPCOS

Part # CT1812K75ATELEG2
Description  Ceramic transient voltage suppressors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1812K75ATELEG2 Datasheet(HTML) 2 Page - EPCOS

  CT1812K75ATELEG2 Datasheet HTML 1Page - EPCOS CT1812K75ATELEG2 Datasheet HTML 2Page - EPCOS CT1812K75ATELEG2 Datasheet HTML 3Page - EPCOS CT1812K75ATELEG2 Datasheet HTML 4Page - EPCOS CT1812K75ATELEG2 Datasheet HTML 5Page - EPCOS CT1812K75ATELEG2 Datasheet HTML 6Page - EPCOS CT1812K75ATELEG2 Datasheet HTML 7Page - EPCOS CT1812K75ATELEG2 Datasheet HTML 8Page - EPCOS CT1812K75ATELEG2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
EPCOS type designation system for telecom series
CT
1812
K
75
TELE
G2
Construction:
CT
Single chip with nickel
barrier termination (AgNiSn)
Case size:
1812
Tolerance for the varistor voltage:
K
Standard tolerance :
±10%
S
Special tolerance
Maximum RMS operating voltage (VRMS):
60
60 V
75
75 V
95
95 V
115
115 V
Special tolerance for the varistor voltage:
Standard tolerance
A
Special tolerance
Telecom series
Taping mode:
G2
Taped, 330-mm reel, 13''
Multilayer varistors (MLVs)
Telecom series
Page 2 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com