Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1812S95ATELEG2 Datasheet(PDF) 3 Page - EPCOS

Part # CT1812S95ATELEG2
Description  Ceramic transient voltage suppressors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1812S95ATELEG2 Datasheet(HTML) 3 Page - EPCOS

  CT1812S95ATELEG2 Datasheet HTML 1Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 2Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 3Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 4Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 5Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 6Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 7Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 8Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Features
High surge voltage capability up to 2 kV for
10/700 µs (acc. to German telecom administration
standards)
High surge load capability acc. to IEC 61000-4-5
Matched to line conditions with or without
superimposed ringing voltages
RoHS-compatible
Suitable for lead-free soldering
PSpice models available
Applications
Transient protection for:
Line cards in switching exchange systems
Terminal devices such as telephones, fax,
modems
xDSL, PBX, DECT lines
Design
Multilayer technology
Lack of plastic or epoxy encapsulation for
flammability rating better than UL 94 V-0
Termination (see “Soldering directions”):
CT types with nickel barrier terminations (AgNiSn),
recommended for lead-free reflow and wave
soldering, and compatible with tin/lead solder.
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet.
The curves are sorted by VRMS and then by case size,
which is included in the type designation.
Single chip
Internal circuit
Available case size:
EIA
Metric
1812
4532
General technical data
Maximum RMS operating voltage
VRMS,max
60 ... 115
V
Maximum DC operating voltage
VDC,max
85 ... 150
V
Maximum surge current
(10 pulses, 10/700 µs)
Isurge,max
45
A
Maximum clamping voltage
(8/20 µs)
Vclamp,max
200 ... 360
V
Operating temperature
Top
40/+85
°C
Storage temperature
LCT/UCT
40/+125
°C
Multilayer varistors (MLVs)
Telecom series
Page 3 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com