Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5107SD Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5107SD
Description  LM5107 100V / 1.4A Peak Half Bridge Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5107SD Datasheet(HTML) 2 Page - Texas Instruments

  LM5107SD Datasheet HTML 1Page - Texas Instruments LM5107SD Datasheet HTML 2Page - Texas Instruments LM5107SD Datasheet HTML 3Page - Texas Instruments LM5107SD Datasheet HTML 4Page - Texas Instruments LM5107SD Datasheet HTML 5Page - Texas Instruments LM5107SD Datasheet HTML 6Page - Texas Instruments LM5107SD Datasheet HTML 7Page - Texas Instruments LM5107SD Datasheet HTML 8Page - Texas Instruments LM5107SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HI
LI
V
SS
HO
HS
LO
HB
V
DD
1
2
3
4
8
7
6
5
HI
LI
V
SS
HO
HS
LO
HB
V
DD
1
2
3
4
8
7
6
5
DRIVER
DRIVER
LEVEL
SHIFT
UVLO
UVLO
HI
VDD
LI
VSS
HB
HO
HS
LO
HV
LM5107
SNVS333D – NOVEMBER 2004 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Connection Diagrams
Figure 1. 8-Lead SOIC
Figure 2. 8-Lead WSON
See D Package
See NGT0008A Package
PIN DESCRIPTIONS(1)
Pin #
Name
Description
Application Information
SOIC
WSON
Locally decouple to VSS using low ESR/ESL capacitor located as
1
1
VDD
Positive gate drive supply
close to IC as possible.
The LM5107 HI input is compatible with TTL input thresholds.
2
2
HI
High side control input
Unused HI input should be tied to ground and not left open
The LM5107 LI input is compatible with TTL input thresholds. Unused
3
3
LI
Low side control input
LI input should be tied to ground and not left open.
4
4
VSS
Ground reference
All signals are referenced to this ground.
5
5
LO
Low side gate driver output
Connect to the gate of the low side N-MOS device.
Connect to the negative terminal of the bootstrap capacitor and to the
6
6
HS
High side source connection
source of the high side N-MOS device.
7
7
HO
High side gate driver output
Connect to the gate of the low side N-MOS device.
Connect the positive terminal of the bootstrap capacitor to HB and
High side gate driver positive
8
8
HB
the negative terminal of the bootstrap capacitor to HS. The bootstrap
supply rail
capacitor should be placed as close to IC as possible.
(1)
For WSON package it is recommended that the exposed pad on the bottom of the LM5107 be soldered to ground plane on the PCB
board and the ground plane should extend out from underneath the package to improve heat dissipation.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com