Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAV331MTCX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSAV331MTCX
Description  Dual-Channel, 4:1 Video Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV331MTCX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSAV331MTCX Datasheet HTML 1Page - Fairchild Semiconductor FSAV331MTCX Datasheet HTML 2Page - Fairchild Semiconductor FSAV331MTCX Datasheet HTML 3Page - Fairchild Semiconductor FSAV331MTCX Datasheet HTML 4Page - Fairchild Semiconductor FSAV331MTCX Datasheet HTML 5Page - Fairchild Semiconductor FSAV331MTCX Datasheet HTML 6Page - Fairchild Semiconductor FSAV331MTCX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV331 • Rev. 1.0.2
4
AC Electrical Characteristics
Typical values are at TA=+25°C and VCC=5.0V
Symbol
Parameter
Conditions
VCC (V)
TA= -40 to +85°C
Units
Figure
Min.
Typ.
Max.
tON
Turn On Time; S to B
VI=7V for tPZL
VI=Open for tPZH
4.75 to 5.25
1.0
5.3
ns
Figure 3,
Figure 4
Output Enable Time
OE to A or B
1.0
5.3
tOFF
Turn Off Time; S to B
VI=7V for tPLZ
VI=Open for tPHZ
4.75 to 5.25
1.0
5.8
ns
Figure 3,
Figure 4
Output Disable Time
OE to A or B
1.0
5.5
tPLH, tPHL
Propagation Delay
(4)
VI=Open
4.75 to 5.25
0.1
ns
Select to A Delay
5.0
DG
Differential Gain
(5)
RL=150Ω,
f=3.58MHz
4.75 to 5.25
0.26
%
DP
Differential Phase
(5)
RL=150Ω,
f=3.58MHz
4.75 to 5.25
0.23
°
OIRR
Non Adjacent
Off Isolation
RL=150Ω,
f=10MHz
4.75 to 5.25
-56.0
dB
Figure 5
XTALK
Non Adjacent
Channel Crosstalk
(5)
RL=150Ω,
f=10MHz
4.75 to 5.25
-73.0
dB
Figure 6
BW
-3dB Bandwidth
(5)
RL=50Ω
4.75 to 5.25
300
MHz
Figure 7
Note:
4.
This parameter is guaranteed by design.
5.
This parameter is guaranteed by device characterization, not production tested.
Capacitance
Typical values are at TA=+25°C.
Symbol
Parameter
Conditions
Typ.
Units
CIN
Control Pin Input Capacitance
VCC=5.0V
2
pF
CON
A/B On Capacitance
VCC=5.0V, /OE=0V
39
pF
COFF
A Port
Off Capacitance
VCC, /OE=5.0V
13
pF
B Port
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com