Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998MR Datasheet(PDF) 13 Page - Texas Instruments

Part # LP2998MR
Description  LP2998 DDR-I and DDR-II Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2998MR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2998MR Datasheet HTML 9Page - Texas Instruments LP2998MR Datasheet HTML 10Page - Texas Instruments LP2998MR Datasheet HTML 11Page - Texas Instruments LP2998MR Datasheet HTML 12Page - Texas Instruments LP2998MR Datasheet HTML 13Page - Texas Instruments LP2998MR Datasheet HTML 14Page - Texas Instruments LP2998MR Datasheet HTML 15Page - Texas Instruments LP2998MR Datasheet HTML 16Page - Texas Instruments LP2998MR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
+
+
+
VDDQ = 2.5V
AVIN = 3.3V or 5V
VTT = 1.25V
SD
SD
PVIN = 3.3V
CIN
COUT
CREF
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
+
+
+
VDDQ = 2.5V
AVIN = 2.2V to 5.5V
VTT = 1.25V
SD
SD
PVIN = 1.8V
CIN
COUT
CREF
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
+
+
+
VDDQ = 2.5V
VDD = 2.5V
VTT = 1.25V
SD
SD
CIN
COUT
CREF
LP2998
www.ti.com
SNVS521I – DECEMBER 2007 – REVISED APRIL 2013
Figure 19. Recommended SSTL-2 Implementation
If power dissipation or efficiency is a major concern then the LP2998 has the ability to operate on split power
rails (see Figure 20). The output stage (PVIN) can be operated on a lower rail such as 1.8V and the analog
circuitry (AVIN) can be connected to a higher rail such as 2.5V, 3.3V or 5V. This allows the internal power
dissipation to be lowered when sourcing current from VTT. The disadvantage of this circuit is that the maximum
continuous current is reduced because of the lower rail voltage, although it is adequate for all motherboard
SSTL-2 applications. Increasing the output capacitance can also help if periods of large load transients will be
encountered.
Figure 20. Lower Power Dissipation SSTL-2 Implementation
The third option for SSTL-2 applications in the situation that a 1.8V rail is not available and it is not desirable to
use 2.5V, is to connect the LP2998 power rail to 3.3V (see Figure 21). In this situation AVIN will be limited to
operation on the 3.3V or 5V rail as PVIN can never exceed AVIN. This configuration has the ability to provide the
maximum continuous output current at the downside of higher thermal dissipation. Care should be taken to
prevent the LP2998 from experiencing large current levels which cause the device to exceed the maximum
operating junction temperature. Because of this risk it is not recommended to supply the output stage with a
voltage higher than a nominal 3.3V rail.
Figure 21. SSTL-2 Implementation With Higher Voltage Rails
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com