Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP321C-R Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QTLP321C-R
Description  4 - PIN POWER LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP321C-R Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QTLP321C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP321C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP321C-R Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WAVELENGTH - nm
Fig. 3 Relative Intensity vs Peak Wavelength
1.0
0.5
0
550
600
650
700
1
0.5
0
90 80 70 60 50 40 30 20 10
0
10 20 30 40 50 60 70 80 90
ANGLE FROM OPTICAL CENTERLINE (DEGREES)
Fig. 4 Rel. Luminous Intensity
vs. Angular Displacement
70
60
50
40
30
20
10
0
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
FORWARD VOLTAGE (V)
Fig. 1 Forward Current vs. Forward Voltage
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
10203040506070
FORWARD CURRENT(mA)
Fig. 2 Relative Luminous Flux vs. Forward Current
RED
YELLOW
ORANGE
YELLOW
ORANGE
RED
RED
ORANGE
YELLOW
TYPICAL PERFORMANCE CURVES
4 - PIN POWER LED
2 of 3
1/4/00
300018A
RED
QTLP321C-R
ORANGE
QTLP321C-E
YELLOW
QTLP321C-Y
Part Number
QTLP321C-R
QTLP321C-E
QTLP321C-Y
Condition
Luminous Flux (mlm)
IF = 70 mA
Minimum
500
500
500
Typical
1300
1300
1300
Forward Voltage VF (V)
IF = 20 / 70 mA
Maximum
2.4 / 2.8
2.4 / 2.8
2.4 / 2.8
Typical
2.0 / 2.2
2.0 / 2.2
2.0 / 2.2
Wavelength (nm)
IF = 70 mA
Peak
640
620
590
Dominant
630
615
589
Spectral Line Half Width (nm)
20
18
15
IF = 70 mA
Viewing Angle (°)50
50
50
IF = 70 mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com