Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802DB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DB
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1802DB Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1802DB Datasheet HTML 9Page - Texas Instruments PCM1802DB Datasheet HTML 10Page - Texas Instruments PCM1802DB Datasheet HTML 11Page - Texas Instruments PCM1802DB Datasheet HTML 12Page - Texas Instruments PCM1802DB Datasheet HTML 13Page - Texas Instruments PCM1802DB Datasheet HTML 14Page - Texas Instruments PCM1802DB Datasheet HTML 15Page - Texas Instruments PCM1802DB Datasheet HTML 16Page - Texas Instruments PCM1802DB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
System Clock
SCKI
0.8 V
SCKI
2 V
t(SCKL)
t(SCKH)
T0005A07
PCM1802
SLES023C – DECEMBER 2001 – REVISED JANUARY 2005
PRINCIPLES OF OPERATION (continued)
The PCM1802 supports 256 fS, 384 fS, 512 fS, and 768 fS as the system clock, where fS is the audio sampling
frequency. The system clock must be supplied on SCKI (pin 15).
The PCM1802 has a system clock detection circuit which automatically senses if the system clock is operating at
256 fS, 384 fS, 512 fS, or 768 fS in slave mode. In master mode, the system clock frequency must be selected by
MODE0 (pin 19) and MODE1 (pin 20), and 768 fS is not available. For system clock inputs of 384 fS, 512 fS, and
768 fS, the system clock is divided to 256 fS automatically, and the 256 fS clock is used to operate the
delta-sigma modulator and the digital filter.
Table 1 shows the relationship of typical sampling frequencies and system clock frequencies, and Figure 22
shows system clock timing.
Table 1. Sampling Frequency and System Clock Frequency
SAMPLING RATE
SYSTEM CLOCK FREQUENCY (MHz)
FREQUENCY
256 fS
384 fS
512 fS
768 fS
(kHz)
32
8.192
12.288
16.384
24.576
44.1
11.2896
16.9344
22.5792
33.8688
48
12.288
18.432
24.576
36.864
64
16.384
24.576
32.768
49.152
88.2
22.5792
33.8688
45.1584
—
96
24.576
36.864
49.152
—
PARAMETER
MIN
MAX
UNIT
t(SCKH)
System clock-pulse duration, high
7
ns
t(SCKL)
System clock-pulse duration, low
7
ns
Figure 22. System Clock Timing
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com