Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7802 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TDA7802
Description  power amplifiers moving to the green zone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDA7802 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TDA7802 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDA7802 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
new auDio power green wave
full proDuct support
Device summary
Demonstrationboards,technicaldocumentationandrelevantsoftwareareavailableforallautomotivepoweramplifiers.
part number
Description
tDa7391lv
35 W single bridge power amplifier
tDa7569blv
4 x 50 W high efficiency, class SB power amplifier with full I2C diagnostics
tDa7569bDlv
4 x 50 W high efficiency, class SB differential input power amplifier with full I2C diagnostics
tDa75610lv
4 x 45 W high efficiency, class SB power amplifier with full I2C diagnostics
tDa75610Dlv
4 x 45 W high efficiency, class SB differential input power amplifier with full I2C diagnostics
tDa75613lv
4 x 45 W high efficiency, class SB power amplifier with full I2C diagnostics and SSR(1)
tDa7577lv
2 x 50 W high efficiency, class SB dual bridge power amplifier with with full I2C diagnostics
tDa7802
High efficiency, class SB-I(2) digital input quad power amplifier with built-in diagnostics features
fDa4100lv
4 x 135 W / 2 x 270 W PWM digital input power amplifier with built-in diagnostics and step-up driver
fDa450lv
4 x 50 W PWM digital input power amplifier with built-in diagnostics features
fDa2100lv
2 x 180W/1 x 300W PWM digital-input power amplifier with built-in diagnostics and step-up driver
stpa001
4 x 50 W MOSFET quad bridge power amplifier
stpa002
4 x 52 W MOSFET quad bridge power amplifier with high side driver
Notes:
(1)
SSRisshortforspeakersafetyroutine,(2)ClassSB-IisshortforclassSBimproved
LV family
for start-stop and hybrid vehicles
with high efficiency
FDA family
digital audio with extremely high efficiency
high performances and component saving cost
TDA780x family
digital audio
with very high efficiency
1ST
on the market
Quantum leap
in class D
Decrease
emissions
fuel consumption
weight
1ST
on the market
© STMicroelectronics - September 2013 - Printed in United Kingdom - All rights reserved
The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies
Thunderbolt is a trademark of Intel Corporation in the U.S. and/or other countries.
All other names are the property of their respective owners
For more information on ST products and solutions, visit www.st.com
Order code: FLAUTOMOT0913
targeteD applications
•
Headunits
•
Boosters
•
Automotivesoundsystems



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com