Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAMLIN59170 Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # HAMLIN59170
Description  59170 Moulded MDSR-10 Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

HAMLIN59170 Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  HAMLIN59170 Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.hamlin.com
TABLE 1
Form A
Normally
Contact Type
Open
Switch Type
1
Power
Watt - max.
10
Voltage
Switching
Vdc - max.
200
Breakdown
Vdc - min.
250
Current
Switching
A - max.
0.5
Carry
A - max.
0.8
Resistance
Contact, Initial
Ω - max.
0.1
Insulation
Ω - min.
10
10
Capacitance
Contact
pF - typ.
0.3
Temperature
Operating
°C
-40 to +125
Storage
°C
-65 to +125
Time
Operate
ms - max.
1.0
Release
ms - max.
0.5
Shock
11ms 1⁄2 sine
G - max.
100
Vibration
50-2000 Hz
G - max.
30
TABLE 3
Termination and Packing Options:-
SELECT
DESCRIPTION
OPTION
A
Leaded
C
Gull Wing bulk packed
D
Gull Wing taped and reel
TABLE 2
Sensitivity Options:-
Activate Distances are approximate using Hamlin 57045 actuator as illustrated
Switch AT before modification
Select Option
S
T
U
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
1 Normally Open
10-15
(.295)
15-20
(.256)
20-25
(.197)
7,5
6,5
5,0
SPECIFICATIONS
CUSTOMER OPTIONS - Sensitivity and Termination Specification
ORDERING INFORMATION
59036
Switch Type
Table 1
Table 2
Table 3
Sensitivity
Termination
and Packing
1
X
00
X
DIMENSIONS (in) mm
59170
Series 59170
Features
• 2 part magnetically operated
proximity sensor
• Leaded and Gull Wing options
• Tape and reel option (consult Hamlin)
• Stand-offs to allow board washing
• Customer defined sensitivity
• Solder reflow capable
Benefits
• Suitable for pick and place
• No standby power requirement
• Operates through non-ferrous
materials such as wood, plastic or
aluminium
• Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to contamination
Applications
• Position and limit sensing
• Security system switch
• Door switch
59170 Moulded MDSR-10 Switch
D
Leaded
(.450)
11,43
(1.590)
40,39
(.090) 2,29
(.090) 2,29
ø (.017) 0,43
Gull Wing
(0.090) 2,29
(0.090) 2,29
(.450)
11,43
(.060)
1,52
(.640)
16,25
(.005) 0.127 max
(.017) 0,43
(0.28) ,011
(.060)
1,52
Hamlin USA
Tel: +1 920 648 3000 • Fax: +1 920 648 3001 • Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 • Fax: +44 (0)1379 649702 • Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6142 923920 • Fax: +49 (0) 6142 923921 • Email: sales.de@hamlin.com
Hamectrol France Tel: +33(0) 1 6047 3000 • Fax: +33(0) 1 6015 9136 • Email: sales.fr@hamlin.com
Issue No: 2 Date: 01.07.07 DCR B5306
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION
PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY
PARTICULAR PURPOSE. Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by providing information specific
to any particular application. HAMLIN disclaims any and all liability whatsoever for any
purchaser’s reliance upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
Double click on tag for
Recommended Land Pattern


Similar Part No. - HAMLIN59170

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
HAMLIN59170 HAMLIN-HAMLIN59170 Datasheet
18Kb / 1P
RECOMMENDED LAND PATTERNS / PCB LAYDUTS
More results

Similar Description - HAMLIN59170

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
Moulded Switch Features and Benefits
59170-1-S-00-A HAMLIN-59170-1-S-00-A Datasheet
135Kb / 1P
59170-1-S-00-A
59165 HAMLIN-59165 Datasheet
187Kb / 1P
59165 Moulded Switch Features and Benefits
logo
List of Unclassifed Man...
K2142WHI ETC2-K2142WHI Datasheet
104Kb / 1P
MOULDED BOXES 19mm
logo
Littelfuse
MDSR-7 LITTELFUSE-MDSR-7 Datasheet
372Kb / 2P
MDSR-7 12.7mm Sub-miniature Reed Switch
MDSR-10 LITTELFUSE-MDSR-10 Datasheet
507Kb / 2P
MDSR-10 10.2mm Sub-miniature Reed Switch
logo
celduc-relais
P6250000 CELDUC-P6250000 Datasheet
186Kb / 1P
MOULDED CONTROL MAGNET
logo
Schneider Electric
JGL26000S17 SCHNEIDER-JGL26000S17 Datasheet
134Kb / 2P
POWERPACT AUTOMATIC MOULDED CASE SWITCH 600V 175 A J-Frame
Aug 6, 2020
LLL46000S60X SCHNEIDER-LLL46000S60X Datasheet
66Kb / 2P
POWERPACT AUTOMATIC MOULDED CASE SWITCH 600V 600 A L-Frame
Sep 25, 2020
LRL36000S40X SCHNEIDER-LRL36000S40X Datasheet
113Kb / 2P
POWERPACT AUTOMATIC MOULDED CASE SWITCH 600V 400 A L-Frame
Sep 25, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com