Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2576 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2576
Description  LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2576 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2576 Datasheet HTML 17Page - Texas Instruments LM2576 Datasheet HTML 18Page - Texas Instruments LM2576 Datasheet HTML 19Page - Texas Instruments LM2576 Datasheet HTML 20Page - Texas Instruments LM2576 Datasheet HTML 21Page - Texas Instruments LM2576 Datasheet HTML 22Page - Texas Instruments LM2576 Datasheet HTML 23Page - Texas Instruments LM2576 Datasheet HTML 24Page - Texas Instruments LM2576 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
LM2576-12
2
4
1
3
5
+
1N5820
+
COUT
2200 PF
Feedback
Output
VIN
CIN
100 PF
GND
100 PH
VOUT = -12V
-VIN
-5V to -12V
LOW ESR
ON/OFF
LM2576, LM2576HV
www.ti.com
SNVS107C – JUNE 1999 – REVISED APRIL 2013
Also, the maximum voltage appearing across the regulator is the absolute sum of the input and output voltage.
For a
−12V output, the maximum input voltage for the LM2576 is +28V, or +48V for the LM2576HV.
The Switchers Made Simple (version 3.0) design software can be used to determine the feasibility of regulator
designs using different topologies, different input-output parameters, different components, and so on.
NEGATIVE BOOST REGULATOR
Another variation on the buck-boost topology is the negative boost configuration. The circuit in Figure 29 accepts
an input voltage ranging from
−5V to −12V and provides a regulated −12V output. Input voltages greater than
−12V will cause the output to rise above −12V, but will not damage the regulator.
Typical Load Current
400 mA for VIN = −5.2V
750 mA for VIN = −7V
Heat sink may be required.
Figure 29. Negative Boost
Because of the boosting function of this type of regulator, the switch current is relatively high, especially at low
input voltages. Output load current limitations are a result of the maximum current rating of the switch. Also,
boost regulators can not provide current limiting load protection in the event of a shorted load, so some other
means (such as a fuse) may be necessary.
UNDERVOLTAGE LOCKOUT
In some applications it is desirable to keep the regulator off until the input voltage reaches a certain threshold. An
undervoltage lockout circuit which accomplishes this task is shown in Figure 30, while Figure 31 shows the same
circuit applied to a buck-boost configuration. These circuits keep the regulator off until the input voltage reaches
a predetermined level.
VTH ≈ VZ1 + 2VBE(Q1)
Complete circuit not shown.
Figure 30. Undervoltage Lockout for Buck Circuit
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2576 LM2576HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com