Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09813 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 09813
Description  Installation and Maintenance of ESD Mats
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

09813 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  09813 Datasheet HTML 1Page - List of Unclassifed Manufacturers 09813 Datasheet HTML 2Page - List of Unclassifed Manufacturers 09813 Datasheet HTML 3Page - List of Unclassifed Manufacturers 09813 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TB-2000 March 2012 Page 1 of 4
Installation and
Maintenance of ESD Mats
Introduction
The purpose of an ESD worksurface is to aid in the prevention
of damage to ESD sensitive components and assemblies from
electrostatic discharge. An ESD worksurface provides protection in
the following two ways:
1. Providing an antistatic worksurface area that will limit static
electricity generation.
2. Removing the charge from a conductive object placed on the
worksurface.
A dissipative worksurface having a surface resistance of at
least 1 x 10E6, but less than 1 x 10E9 ohms is recommended
by worksurface standard ANSI/ESD S4.1. Dissipative materials
minimize the generation of static charges, and will dissipate a
charge slow enough so that a spark will not occur. Dissipative
materials are usually the preferred choice for bench top
worksurfaces.
Conductive materials are the quickest to remove a charge,
but they can also cause damage by discharging too rapidly.
Conductive materials are usually used as floor mats, which is
defined by ANSI/ESD S7.1 as less than 1 x 10E6 ohms.
General Grounding Guidelines
1. ANSI/ESD S20.20 requires that all conductors in an ESD
protected area, including personnel, must be grounded.
2. The ESD ground must be tied directly to and at the same
potential as the building or “green wire” equipment ground.
3. Per ANSI/ESD S20.20, the ESD control program can in no
way replace or supercede any requirements for personnel
safety. Ground fault circuit interrupters (GFCI) and other safety
protection should be considered wherever personnel might
come into contact with electrical sources.
4. All electrical outlets should be verified for proper wiring
configuration, resistance or impedance and GFCI function when
the mat is installed and periodically thereafter.
Common Point Grounds
A common point ground is defined by the grounding standard
ANSI/ESD S6.1, as:
1. A grounded device where two or more conductors are bonded.
2. A system or method for connecting two or more grounding
conductors to the same electrical potential.
Examples of common point grounds with ground cords are
illustrated below.
Figure 2. Other ground cords.
Figure 3. 09814 with screw allows ground cord to be bolted to mat
to keep cord from disconnecting.
Common point grounds are designed to provide ground for
worksurface mats, wrist straps, and other items.
NOTE: DO NOT DAISY CHAIN. Because of the high resistances
inherent to many types of protective surfaces, daisy chaining of
these materials can severely limit their ability to properly dissipate
and protect against static charges.
09817
09814
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST - One Colgate Way
, Canton, MA 02021-1407 • (781) 821-8370 • Web Site: Desco.com
TECHNICAL BULLETIN TB-2000
Made in the
United States of America
© 2012 DESCO INDUSTRIES INC.
Employee Owned
09835
09740
Figure 1. Typical common point grounds.
09837
09825
COMMON POINT GROUND
Per ANSI/ESD S6.1, Grounding section 4.1.1 “Every element to be
grounded at an ESD protected station shall be connected to the
same common point ground.”
ESD Handbook ESD TR20.20 section 5.1.3 Basic Grounding
Requirements “The first step in ensuring that everything in an
EPA is at the same electrical potential is to ground all conductive
components of the work area (worksurfaces, people, equipment,
etc.) to the same electrical ground point. This point is called the
common point ground. The next step in completing the ground
circuit is to connect the common point ground to the equipment
ground (third wire, green).”
WRONG!
RIGHT
Figure 4. ESD mats should never be grounded in series, that is
daisy chained.


Similar Part No. - 09813

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09813 ETC2-09813 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
09813 ETC2-09813 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
logo
DESCO INDUSTRIES INC
09813 DESCO-09813 Datasheet
665Kb / 4P
Installation and Maintenance of ESD Mats
February 2015
09813 DESCO-09813 Datasheet
233Kb / 1P
GROUND CORD, MAT, THREADED 10MM SNAP STUD
2017 May
More results

Similar Description - 09813

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
Installation, Operation and Maintenance Procedures
07010 ETC2-07010 Datasheet
1Mb / 4P
Calibration Unit for Testers Installation, Operation and Maintenance
16282 ETC2-16282 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
19226 ETC2-19226 Datasheet
310Kb / 4P
Multi-Mount Continuous Monitor Operation, Installation, and Maintenance
42518 ETC2-42518 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
19218 ETC2-19218 Datasheet
699Kb / 4P
Workstation Continuous Mini Monitor Operation, Installation and Maintenance
19218 ETC2-19218 Datasheet
699Kb / 4P
Jewel짰 Workstation Continuous Mini Monitor Operation, Installation and Maintenance
19500 ETC-19500 Datasheet
639Kb / 6P
Bench Top Blower Ionizer Installation, Operation and Maintenance
August 2018
logo
Bertech.
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
ESDFM BERTECH-ESDFM Datasheet
122Kb / 1P
ESD Foam Mats & Mat Kits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com