Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAMLINMDCG4 Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # HAMLINMDCG4
Description  MDCG-4 Features and Benefits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

HAMLINMDCG4 Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  HAMLINMDCG4 Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MDCG-4 Features and Benefits
DIMENSIONS (in) mm
Notes
1)
For details on electrical specifications, contact Hamlin.
2)
Contact rating-Product of the switching voltage and current should never exceed the
wattage rating.
Contact Hamlin for additional load/life information.
3)
Operate (inc. bounce) /Release Time-per EIA/NARM RS421A, diode suppressed coil.
4) Pull in Range-Contact Hamlin for tolerances available within this range.
5) Rating Sensitivity-The value at which contact ratings and operating characteristics are
determined. Derating may be required below this value.
6) Storage Temperature-Long time exposure at elevated temperature may degrade
solderability of the leads.
Switch Type
MDCG-4
Contact Form
A
Underwriters Laboratories Recognised, File E47258 (see note 1)
ELECTRICAL RATINGS
Contact Rating (2)
Watt - max.
10
Voltage
Switching
Vdc - max.
200
Breakdown
Vdc - min.
250
Current
Switching
A - max.
0.5
Carry
A - max.
1.2
Resistance
Contact, Initial
Ω - max.
0.100
Insulation
Ω - min.
1010
Capacitance
Contact
pF - typ.
0.2
Temperature
Operating
°C
-40 to +125
Storage (6)
°C
-65 to +125
OPERATING CHARACTERISTICS
Operate Time (3)
ms - max.
0.6
Release Time (3)
ms - max.
0.2
Shock
11ms
1⁄2 sine wave
G - max.
100
Vibration
50-2000 Hertz
G - max.
30
Resonant Frequency
Hz - typ.
3900
MAGNETIC CHARACTERISTICS
Pull-In Range (4)
Ampere Turns
12-38
Rating Sensitivity (5)
Ampere Turns
20
Test Coil
L4989
Features
•
Sub-miniature normally open
switch with 15.24mm x 2.28mm
(0.600” x 0.090”) glass envelope
•
Capable of switching up to
200Vdc
•
Maximum contact rating 10
Watts
•
1010 Ohms insulation resistance
•
Available sensitivity range
12-38 AT
•
Surface mount version available
Benefits
•
Hermetically sealed switch
contacts are not effected by and
have no effect on their external
environment
•
Low, stable contact resistance
•
Low space requirement
•
Zero operating power required
for contact closure
•
Fit and forget durability
•
Well suited to signal switching
applications
Applications
•
Reed relays
•
Security
•
Limit switching
•
Telecoms
•
Office equipment
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY
PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is
applied. Upon request, HAMLIN will assist purchasers by providing information
specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser’s reliance upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
Hamlin USA
Tel: +1 920 648 3000 • Fax: +1 920 648 3001 • Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 • Fax: +44 (0)1379 649702 • Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0)
6142 923920 • Fax: +49 (0) 6142 923921 • Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1
6047 3000 • Fax: +33 (0) 1 6015 9136 • Email: sales.fr@hamlin.com
www.hamlin.com
ISSUE No: 4
DATE: 1/5/3


Similar Part No. - HAMLINMDCG4

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
HAMLIN55100 HAMLIN-HAMLIN55100 Datasheet
239Kb / 1P
55100 Miniature Flange Mount Hall Effect Proximity Sensor
HAMLIN55505 HAMLIN-HAMLIN55505 Datasheet
194Kb / 1P
55505 Hall Effect Flange Mount Geartooth Sensor
HAMLIN59160 HAMLIN-HAMLIN59160 Datasheet
18Kb / 1P
RECOMMENDED LAND PATTERNS / PCB LAYDUTS
HAMLIN59165 HAMLIN-HAMLIN59165 Datasheet
18Kb / 1P
RECOMMENDED LAND PATTERNS / PCB LAYDUTS
HAMLIN59170 HAMLIN-HAMLIN59170 Datasheet
186Kb / 1P
59170 Moulded MDSR-10 Switch
More results

Similar Description - HAMLINMDCG4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE700 ETC2-HE700 Datasheet
486Kb / 2P
D.I.L. Relay Features and Benefits
59160 ETC2-59160 Datasheet
138Kb / 1P
Surface Mount Features and Benefits
logo
HAMLIN Position and Mov...
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
Firecracker Features and Benefits
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
Clamp Sensor Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
PCB Mount Features and Benefits
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
Threaded Barrel Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
Moulded Switch Features and Benefits
logo
List of Unclassifed Man...
MK9SST ETC2-MK9SST Datasheet
96Kb / 1P
Features & Benefits
logo
HAMLIN Position and Mov...
59025-010 HAMLIN-59025-010 Datasheet
160Kb / 1P
59025 Firecracker Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com