Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP690C-R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP690C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 0402
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP690C-R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP690C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP690C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP690C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP690C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP690C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP690C-R Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
0.043 (1.1)
0.035 (0.9)
0.024 (0.6)
0.016 (0.4)
RAD. 0.008 (0.2)
0.018 (0.45)
0.014 (0.35)
0.020 (0.5)
CATHODE MARK
+
_
POLARITY
CL
BOTTOM
SIDE
TOP
PACKAGE DIMENSIONS
FEATURES
• Ultra-miniature - 1.0(L) X 0.5(W) X 0.45(H) mm
• AllnGaP technology for -R, -E, -O, -Y and -AG
• Wide viewing angle of 100°
• Water clear optics
• Moisture-proof packaging
• Available in 0.315” (8mm) width tape on 7” (178mm) diameter reel; 2,000 units per reel
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0402
QTLP690C-R Red
QTLP690C-E Orange
QTLP690C-O Yellow-Orange
QTLP690C-Y Yellow
QTLP690C-AG Yellow-Green
DESCRIPTION
Extremely thin and compact, the 0402 chip LED is ideal for compact products. Ultra-miniature footprint, low profile and wide viewing
angle make QTLP690C a perfect candidate for backlighting cell phone key pads.
APPLICATIONS
• Keypad backlighting
• Push-button backlighting
NOTE:
Dimensions for all drawings are in inches (mm).
 2001 Fairchild Semiconductor Corporation
DS300396
8/31/01
1 OF 6
www.fairchildsemi.com


Similar Part No. - QTLP690C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP600C FAIRCHILD-QTLP600C Datasheet
85Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
78Kb / 6P
STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
84Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
85Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
More results

Similar Description - QTLP690C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP652C-R FAIRCHILD-QTLP652C-R Datasheet
125Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
150Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
QTLP610C-R FAIRCHILD-QTLP610C-R Datasheet
149Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
QTLP680C-RY FAIRCHILD-QTLP680C-RY Datasheet
123Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT REFLECTOR (DUAL COLOR)
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP651C-R FAIRCHILD-QTLP651C-R Datasheet
188Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
QTLP670C-RY FAIRCHILD-QTLP670C-RY Datasheet
157Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT PLCC-4
logo
Roithner LaserTechnik G...
B5-230-JD ROITHNER-B5-230-JD Datasheet
109Kb / 3P
Super bright LED Lamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com