Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 2N7002
Description  N-Channel 60-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N7002 Datasheet(HTML) 3 Page - Vishay Siliconix

  2N7002 Datasheet HTML 1Page - Vishay Siliconix 2N7002 Datasheet HTML 2Page - Vishay Siliconix 2N7002 Datasheet HTML 3Page - Vishay Siliconix 2N7002 Datasheet HTML 4Page - Vishay Siliconix 2N7002 Datasheet HTML 5Page - Vishay Siliconix 2N7002 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N7000/2N7002, VQ1000J/P, BS170
Vishay Siliconix
Document Number: 70226
S-04279—Rev. F, 16-Jul-01
www.vishay.com
11-3
SPECIFICATIONS2N7000 AND 2N7002 (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
2N7000
2N7002
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Switchingd
Turn-On Time
tON
VDD = 15 V, RL = 25 W
7
10
Turn-Off Time
tOFF
VDD = 15 V, RL = 25 W
ID ^0.5 A, VGEN = 10 V, RG = 25 W
7
10
Turn-On Time
tON
VDD = 30 V, RL = 150 W
7
20
ns
Turn-Off Time
tOFF
VDD = 30 V, RL = 150 W
ID ^ 0.2 A, VGEN = 10 V, RG = 25 W
11
20
SPECIFICATIONSVQ1000J/P AND BS170 (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
VQ1000J/P
BS170
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 100 mA
70
60
60
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
2.1
0.8
2.5
0.8
3
V
VDS = 0 V, VGS = "10 V
"100
Gate-Body Leakage
IGSS
TJ = 125_C
"500
nA
GSS
VDS = 0 V, VGS = "15 V
"10
VDS = 25 V, VGS = 0 V
0.5
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V, TJ = 125_C
500
mA
DSS
VDS = 60 V, VGS = 0 V
10
m
On-State Drain Currentb
ID(on)
VDS = 10 V, VGS = 10 V
1
0.5
A
VGS = 5 V, ID = 0.2 A
4
7.5
VGS = 10 V, ID = 0.2 A
2.3
5
W
Drain-Source On-Resistanceb
rDS(on)
VGS = 10 V, ID = 0.3 A
2.3
5.5
W
TJ = 125_C
4.2
7.6
VDS = 10 V, ID = 0.2 A
100
Forward Transconductanceb
gfs
VDS = 10 V, ID = 0.5 A
100
mS
Common Source Output Conductanceb
gos
VDS =5 V, ID = 0.05 A
0.5
Dynamic
Input Capacitance
Ciss
22
60
60
Output Capacitance
Coss
VDS =25 V, VGS = 0 V
f = 1 MHz
11
25
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
2
5
Switchingd
Turn-On Time
tON
VDD = 15 V, RL = 23 W
7
10
Turn-Off Time
tOFF
VDD = 15 V, RL = 23 W
ID ^ 0.6 A, VGEN = 10 V, RG = 25 W
7
10
Turn-On Time
tON
VDD = 25 V, RL = 125 W
7
10
ns
Turn-Off Time
tOFF
VDD = 25 V, RL = 125 W
ID ^ 0.2 A, VGEN = 10 V, RG = 25 W
7
10
Notes
a.
For DESIGN AID ONLY, not subject to production testing.
VNBF06
b.
Pulse test: PW
v80 ms duty cycle v1%.
c.
This parameter not registered with JEDEC.
d.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com