Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD694 Datasheet(PDF) 13 Page - Analog Devices

Part # AD694
Description  4??0 mA Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD694 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD694 Datasheet HTML 8Page - Analog Devices AD694 Datasheet HTML 9Page - Analog Devices AD694 Datasheet HTML 10Page - Analog Devices AD694 Datasheet HTML 11Page - Analog Devices AD694 Datasheet HTML 12Page - Analog Devices AD694 Datasheet HTML 13Page - Analog Devices AD694 Datasheet HTML 14Page - Analog Devices AD694 Datasheet HTML 15Page - Analog Devices AD694 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD694
REV. B
–13–
OUTLINE DIMENSIONS
16-Lead Ceramic DIP-Glass Hermetic Seal Package [CERDIP]
(Q-16)
Dimensions shown in millimeters and (inches)
16
18
9
7.87 (0.3100)
5.59 (0.2200)
PIN 1
0.13
(0.0051)
MIN
2.03 (0.0799)
MAX
15
0
8.13 (0.3201)
7.37 (0.2902)
0.38 (0.0150)
0.20 (0.0079)
SEATING
PLANE
5.08 (0.2000)
MAX
21.34 (0.8402) MAX
3.81(0.1500)
MIN
5.08 (0.2000)
3.18 (0.1252)
0.58 (0.0228)
0.36 (0.0142)
2.54
(0.1000)
BSC
1.78 (0.0701)
0.76 (0.0299)
1.52 (0.0598)
0.38 (0.0150)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
16-Lead Plastic Dual-in-Line Package [PDIP]
(N-16)
Dimensions shown in millimeters and (inches)
16
1
8
9
PIN 1
21.34 (0.8402)
18.92 (0.7449)
7.11 (0.2799)
6.10 (0.2402)
SEATING
PLANE
1.52 (0.0598)
0.38 (0.0150)
5.33 (0.2098)
MAX
0.56 (0.0220)
0.36 (0.0142)
4.06 (0.1598)
2.93 (0.1154)
2.54
(0.1000)
BSC
1.77 (0.0697)
1.15 (0.0453)
3.30
(0.1299)
MIN
4.95 (0.1949)
2.93 (0.1154)
0.38 (0.0150)
0.20 (0.0079)
8.25 (0.3248)
7.62 (0.3000)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
16-Lead Standard Small Outline Package [SOIC]
Wide Body
(R-16)
Dimensions shown in millimeters and (inches)
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.0201)
0.33 (0.0130)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
16
9
8
1
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
PIN 1
10.50 (0.4134)
10.10 (0.3976)
0.32 (0.0126)
0.23 (0.0091)
8
0
0.75 (0.0295)
0.25 (0.0098)
45
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com