Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5501 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5501
Description  High Voltage, Quad-Channel 12-Bit Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5501 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5501 Datasheet HTML 9Page - Analog Devices AD5501 Datasheet HTML 10Page - Analog Devices AD5501 Datasheet HTML 11Page - Analog Devices AD5501 Datasheet HTML 12Page - Analog Devices AD5501 Datasheet HTML 13Page - Analog Devices AD5501 Datasheet HTML 14Page - Analog Devices AD5501 Datasheet HTML 15Page - Analog Devices AD5501 Datasheet HTML 16Page - Analog Devices AD5501 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD5504
Rev. B | Page 13 of 20
DAC-to-DAC Crosstalk
DAC-to-DAC crosstalk is the glitch impulse transferred to the
output of one DAC due to a digital code change and subsequent
output change of another DAC. This includes both digital and
analog crosstalk. It is measured by loading one of the DACs
with a full-scale code change (all 0s to all 1s or vice versa) with
LDAC low and monitoring the output of another DAC. The
energy of the glitch is expressed in nV-s.
Capacitive Load Stability
Capacitive load stability refers to the ability of the amplifier to
drive a capacitive load. An amplifier output is considered stable
if any overshoot or ringing has stopped before approximately
1.5 times the settling time of the DAC has elapsed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com