Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5585ACPZ-00-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP5585ACPZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACPZ-00-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP5585ACPZ-00-R7 Datasheet HTML 26Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 27Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 28Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 29Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 30Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 31Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 32Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 33Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 30 of 40
GPIO_DIRECTION_A Register 0x27
Table 47. GPIO_DIRECTION_A Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 6
N/A
Reserved.
5
GPIO_6_DIR
Read/write
(Reserved except for ADP5585AC_Z-01-R7 options)
0 = GPIO 6 is an input.
1 = GPIO 6 is an output.
4
GPIO_5_DIR
Read/write
0 = GPIO 5 is an input.
1 = GPIO 5 is an output.
3
GPIO_4_DIR
Read/write
0 = GPIO 4 is an input.
1 = GPIO 4 is an output.
2
GPIO_3_DIR
Read/write
0 = GPIO 3 is an input.
1 = GPIO 3 is an output.
1
GPIO_2_DIR
Read/write
0 = GPIO 2 is an input.
1 = GPIO 2 is an output.
0
GPIO_1_DIR
Read/write
0 = GPIO 1 is an input.
1 = GPIO 1 is an output.
GPIO_DIRECTION_B Register 0x28
Table 48. Register 0x28, GPIO_DIRECTION_B Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 5
N/A
Reserved.
4
GPIO_11_DIR
Read/write
0 = GPIO 11 is an input.
1 = GPIO 11 is an output.
3
GPIO_10_DIR
Read/write
0 = GPIO 10 is an input.
1 = GPIO 10 is an output.
2
GPIO_9_DIR
Read/write
0 = GPIO 9 is an input.
1 = GPIO 9 is an output.
1
GPIO_8_DIR
Read/write
0 = GPIO 8 is an input.
1 = GPIO 8 is an output.
0
GPIO_7_DIR
Read/write
0 = GPIO 7 is an input.
1 = GPIO 7 is an output.
RESET1_EVENT_A Register 0x29
Table 49. RESET1_EVENT_A Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
RESET1_EVENT_A_LEVEL
Read/write
Defines which level the first reset event should be to generate the
RESET1 signal.
For key events, use the following settings:
0 = not applicable; releases not used for reset generation.
1 = press is used as reset event.
For GPIs and logic outputs configured for FIFO updates, use the
following settings:
0 = inactive event used as reset condition.
1 = active event used as reset condition.
6 to 0
RESET1_EVENT_A[6:0]
Read/write
Defines an event that can be used to generate the RESET1 signal. Up to
three events can be defined for generating the RESET1 signal, using
RESET1_EVENT_A[6:0], RESET1_EVENT_B[6:0], and
RESET1_EVENT_C[6:0]. If one of the registers is 0, that register is not
used for reset generation. All reset events must be detected at the
same time to trigger the reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com