Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7940 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7940
Description  14-Bit, 500 kSPS PulSAR ADC in MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7940 Datasheet HTML 16Page - Analog Devices AD7940 Datasheet HTML 17Page - Analog Devices AD7940 Datasheet HTML 18Page - Analog Devices AD7940 Datasheet HTML 19Page - Analog Devices AD7940 Datasheet HTML 20Page - Analog Devices AD7940 Datasheet HTML 21Page - Analog Devices AD7940 Datasheet HTML 22Page - Analog Devices AD7940 Datasheet HTML 23Page - Analog Devices AD7940 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD7946
Rev. A | Page 21 of 24
CHAIN MODE, NO BUSY INDICATOR
This mode can be used to daisy-chain multiple AD7946s on
a 3-wire serial interface. This feature is useful for reducing
component count and wiring connections, for example, in
isolated multiconverter applications or for systems with a
limited interfacing capacity. Data readback is analogous to
clocking a shift register.
A connection diagram example using two AD7946s is shown in
Figure 41, and the corresponding timing is given in Figure 42.
When SDI and CNV are low, SDO is driven low. With SCK low,
a rising edge on CNV initiates a conversion, selects the chain
mode, and disables the BUSY indicator. In this mode, CNV is
held high during the conversion phase and the subsequent data
readback. When the conversion is complete, the MSB is output
onto SDO, and the AD7946 enters the acquisition phase and
powers down. The remaining data bits stored in the internal
shift register are then clocked by subsequent SCK falling edges.
For each ADC, SDI feeds the input of the internal shift register
and is clocked by the SCK falling edge. Each ADC in the chain
outputs its data MSB first, and 14 × N clocks are required to
readback the N ADCs. The data is valid on both SCK edges.
Although the rising edge can be used to capture the data, a
digital host using the SCK falling edge allows a faster reading
rate and consequently more AD7946s in the chain, provided the
digital host has an acceptable hold time. The maximum conver-
sion rate may be reduced due to the total readback time. For
instance, with a 3 ns digital host setup time and 3 V interface,
up to four AD7946s running at a conversion rate of 360 kSPS
can be daisy-chained on a 3-wire port.
CLK
CONVERT
DATA IN
DIGITAL HOST
CNV
SCK
SDO
SDI
AD7946
B
CNV
SCK
SDO
SDI
AD7946
A
Figure 41. Chain Mode, No BUSY Indicator Connection Diagram
SDOA = SDIB
DA13
DA12
DA11
SCK
1
2
3
262728
tSSDISCK
tHSDISCK
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV
DA1
12
13
tSCK
tSCKL
tSCKH
DA0
15
16
14
SDIA = 0
SDOB
DB13
DB12
DB11
DA1
DB1DB0DA13
DA12
tHSDO
tDSDO
tSSCKCNV
tHSCKCNV
DA0
Figure 42. Chain Mode, No BUSY Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com