Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD79421 Datasheet(PDF) 13 Page - Analog Devices

Part # AD79421
Description  14-Bit, 500 kSPS PulSAR ADC in MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD79421 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD79421 Datasheet HTML 9Page - Analog Devices AD79421 Datasheet HTML 10Page - Analog Devices AD79421 Datasheet HTML 11Page - Analog Devices AD79421 Datasheet HTML 12Page - Analog Devices AD79421 Datasheet HTML 13Page - Analog Devices AD79421 Datasheet HTML 14Page - Analog Devices AD79421 Datasheet HTML 15Page - Analog Devices AD79421 Datasheet HTML 16Page - Analog Devices AD79421 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7946
Rev. A | Page 13 of 24
TYPICAL CONNECTION DIAGRAM
Figure 25 shows an example of the recommended connection diagram for the AD7946 when multiple supplies are available.
AD7946
REF
GND
VDD
IN–
IN+
VIO
SDI
SCK
SDO
CNV
3- OR 4-WIRE INTERFACE
(NOTE 5)
100nF
100nF
5V
10µF
(NOTE 2)
V+
V+
V–
1.8V TO VDD
REF
0V TO REF
33Ω
2.7nF
NOTES
1. SEE REFERENCE SECTION FOR REFERENCE SELECTION.
2. CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3. SEE DRIVER AMPLIFIER CHOICE SECTION.
4. OPTIONAL FILTER. SEE ANALOG INPUT SECTION.
5. SEE DIGITAL INTERFACE FOR MOST CONVENIENT INTERFACE MODE.
(NOTE 1)
(ADA4841
OR NOTE 3)
(NOTE 4)
Figure 25. Typical Application Diagram with Multiple Supplies
ANALOG INPUT
Figure 26 shows an equivalent circuit of the input structure of
the AD7946.
The two diodes, D1 and D2, provide ESD protection for the
analog inputs IN+ and IN−. Care must be taken to ensure that
the analog input signal never exceeds the supply rails by more
than 0.3 V because this causes these diodes to begin to forward-
bias and start conducting current. These diodes can handle a
maximum forward-biased current of 130 mA. For instance,
these conditions could eventually occur when the input buffer’s
(U1) supplies are different from VDD. In such a case, an input
buffer with a short-circuit current limitation can be used to
protect the part.
CIN
RIN
D1
D2
CPIN
IN+
OR IN–
GND
VDD
Figure 26. Equivalent Analog Input Circuit
The analog input structure allows the sampling of the
differential signal between IN+ and IN−. By using this
differential input, small signals common to both inputs are
rejected, as shown in Figure 27, which represents the typical
CMRR over frequency. For instance, by using IN− to sense a
remote signal ground, ground potential differences between the
sensor and the local ADC ground are eliminated.
FREQUENCY (kHz)
50
40
60
70
10
1
100
1k
10k
VDD = 5V
Figure 27. Analog Input CMRR vs. Frequency
During the acquisition phase, the impedance of the analog
inputs (IN+ or IN−) can be modeled as a parallel combination
of capacitor, CPIN, and the network formed by the series connec-
tion of RIN and CIN. CPIN is primarily the pin capacitance. RIN is
typically 600 Ω and is a lumped component made up of some
serial resistors and the on resistance of the switches. CIN is
typically 30 pF and is mainly the ADC sampling capacitor.
During the conversion phase, when the switches are opened, the
input impedance is limited to CPIN. RIN and CIN make a 1-pole,
low-pass filter, which reduces undesirable aliasing effects and
limits the noise.
When the source impedance of the driving circuit is low, the
AD7946 can be driven directly. Large source impedances
significantly affect the ac performance, especially total
harmonic distortion (THD). The dc performances are less
sensitive to the input impedance. The maximum source
impedance depends on the amount of THD that can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com