Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5585ACPZ-03-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5585ACPZ-03-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACPZ-03-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP5585ACPZ-03-R7 Datasheet HTML 1Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 2Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 3Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 4Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 5Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 6Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 7Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 8Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 3 of 40
SPECIFICATIONS
VDD = 1.8 V to 3.3 V, TA = TJ = −40°C to +85°C, unless otherwise noted1.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY VOLTAGE
VDD Input Voltage Range
VDD
1.65
3.6
V
Undervoltage Lockout Threshold
UVLOVDD
UVLO active, VDD falling
1.2
1.3
V
UVLO inactive, VDD rising
1.4
1.6
V
SUPPLY CURRENT
Standby Current
ISTNBY
VDD = 1.65 V
1
4
μA
VDD = 3.3 V
1
10
µA
Operating Current (One Key Press)
ISCAN1
Scan = 10 ms, CORE_FREQ = 50 kHz,
scan active, 300 kΩ pull-up, VDD = 1.65 V
30
40
µA
ISCAN2
Scan = 10 ms, CORE_FREQ = 50 kHz,
scan active, 100 kΩ pull-up, VDD = 1.65 V
35
45
µA
ISCAN3
Scan = 10 ms, CORE_FREQ = 50 kHz,
scan active, 300 kΩ pull-up, VDD = 3.3 V
75
85
μA
ISCAN4
Scan = 10 ms, CORE_FREQ = 50 kHz,
scan active, 100 kΩ pull-up, VDD = 3.3 V
80
90
μA
PULL-UP, PULL-DOWN RESISTANCE
Pull-Up
Option 1
50
100
150
kΩ
Option 2
150
300
450
kΩ
Pull-Down
150
300
450
kΩ
INPUT LOGIC LEVEL (RST, SCL, SDA, R0, R1, R2,
R3, R4, R5, C0, C1, C2, C3, C4)
Input Voltage
Logic Low
VIL
0.3 VDD
V
Logic High
VIH
0.7 VDD
V
Input Leakage Current (Per Pin)
VI-Leak
0.1
1
µA
PUSH-PULL OUTPUT LOGIC LEVEL (R0, R1, R2, R3,
R4, R5, C0, C1, C2, C3, C4)
Output Voltage
Logic Low
VOL1
Sink current = 10 mA, maximum of five
GPIOs active simultaneously
0.4
V
VOL2
Sink current = 10 mA, all GPIOs active
simultaneously
0.5
V
Logic High
VOH
Source current = 5 mA
0.7 VDD
V
Logic High Leakage Current (Per Pin)
VOH-Leak
0.1
1
µA
OPEN-DRAIN OUTPUT LOGIC LEVEL (INT, SDA)
Output Voltage
Logic Low
INT
VOL3
ISINK = 10 mA
0.4
V
SDA
VOL4
ISINK = 20 mA
0.4
V
Logic High Leakage Current (Per Pin)
VOH-Leak
0.1
1
µA
Logic Propagation Delay
125
300
ns
FF Hold Time2
0
ns
FF Setup Time2
175
ns
GPIO Debounce2
70
µs
Internal Oscillator Frequency3
OSCFREQ
900
1000
1100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com