Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR395BUJZ-R21 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR395BUJZ-R21
Description  Micropower, Low Noise Precision Voltage References with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR395BUJZ-R21 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR395BUJZ-R21 Datasheet HTML 9Page - Analog Devices ADR395BUJZ-R21 Datasheet HTML 10Page - Analog Devices ADR395BUJZ-R21 Datasheet HTML 11Page - Analog Devices ADR395BUJZ-R21 Datasheet HTML 12Page - Analog Devices ADR395BUJZ-R21 Datasheet HTML 13Page - Analog Devices ADR395BUJZ-R21 Datasheet HTML 14Page - Analog Devices ADR395BUJZ-R21 Datasheet HTML 15Page - Analog Devices ADR395BUJZ-R21 Datasheet HTML 16Page - Analog Devices ADR395BUJZ-R21 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADR391/ADR392/ADR395
Rev. H | Page 13 of 20
TERMINOLOGY
Temperature Coefficient
The change of output voltage with respect to operating temperature
changes normalized by the output voltage at 25°C. This parameter
is expressed in ppm/°C and can be determined by
[]
()
( )
()
()
6
10
C
25
C
ppm/
×
×
°
=
°
1
2
O
1
O
2
O
O
T
T
V
T
V
T
V
TCV
(1)
where:
VO
(25°C) is VO at 25°C.
VO
(T1) is VO at Temperature 1.
VO
(T2) is VO at Temperature 2.
Line Regulation
The change in output voltage due to a specified change in input
voltage. This parameter accounts for the effects of self-heating.
Line regulation is expressed in either percent per volt, parts-per-
million per volt, or microvolts per volt change in input voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. This parameter accounts for the effects of self-heating.
Load regulation is expressed in either microvolts per milliampere,
parts-per-million per milliampere, or ohms of dc output resistance.
Long-Term Stability
Typical shift of output voltage at 25°C on a sample of parts
subjected to a test of 1000 hours at 25°C.
ΔVO = VO(t0) − VO(t1)
⎟⎟
⎜⎜
×
=
Δ
6
10
)
(
)
(
)
(
]
ppm
[
0
O
1
O
0
O
O
t
V
t
V
t
V
V
(2)
where:
VO
(t0) is VO at 25°C at Time 0.
VO
(t1) is VO at 25°C after 1000 hours operation at 25°C.
Thermally Induced Output Voltage Hysteresis
The change of output voltage after the device cycles through
the temperatures from +25°C to –40°C to +125°C and back to
+25°C. This is a typical value from a sample of parts put through
such a cycle.
VO_HYS
= VO(25°C) − VO_TC
(3)
6
_
_
10
)
25
(
)
25
(
]
ppm
[
×
=
C
V
V
C
V
V
O
TC
O
O
HYS
O
o
o
(4)
where:
VO (25°C) is VO at 25°C.
VO_TC is VO at 25°C after a temperature cycle from +25°C to
−40°C to +125°C and back to +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com