Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6320BX45-ARJZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM6320BX45-ARJZ-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6320BX45-ARJZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM6320BX45-ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6320BX45-ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6320BX45-ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6320BX45-ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6320BX45-ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADM6320BX45-ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADM6320BX45-ARJZ-R7 Datasheet HTML 14Page - Analog Devices ADM6320BX45-ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADM6320BX45-ARJZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F | Page 13 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
12
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Figure 22. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
Z: RoHS COMPLIANT
ADM63 ____ARJ_-_
ORDERING QUANTITY
RL7: 3000 PIECE REEL
R7: 3000 PIECE REEL RoHS COMPLIANT
PACKAGE CODE
RJ: 5-LEAD SOT-23
TEMPERATURE RANGE
A: –40°C TO +85°C
RESET THRESHOLD NUMBER
(25 TO 50)
WATCHDOG TIMEOUT PERIOD
W: 6.3ms (TYP)
X: 102ms (TYP)
Y: 1.6sec (TYP)
Z: 25.6sec (TYP)
RESET TIMEOUT PERIOD
A: 1ms (MIN)
B: 20ms (MIN)
C: 140ms (MIN)
D: 1120ms (MIN)
GENERIC NUMBER
(16 TO 22)
Figure 23. Ordering Code Structure (Modified Diagram)
ORDERING GUIDE
Model1, 2, 3
Temperature Range
Ordering Quantity4
Package Description
Package Option
Branding
ADM6316xxxARJ-RL7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
N00
ADM6316xxxARJZ-R7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
M7Q
ADM6317xxxARJZ-R7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
M9N
ADM6318xxxARJ-RL7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
N02
ADM6318xxxARJZ-R7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
M4Q
ADM6319xxARJ-RL7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
N03
ADM6319xxARJZ-R7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
N0S
ADM6320xxxARJ-RL7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
N04
ADM6320xxxARJZ-R7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
N0T
ADM6321xxxARJ-RL7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
N05
ADM6321xxxARJZ-R7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
M8L
ADM6322xxARJ-RL7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
N06
ADM6322xxARJZ-RL7
−40°C to +85°C
3,000
5-Lead SOT-23
RJ-5
M8J
1 Complete the ordering code by inserting reset threshold, reset timeout, and watchdog timeout (ADM6316/ADM6317/ADM6318/ADM6320/ADM6321) suffixes from
Table 5 to Table 7. No watchdog timeout is available for ADM6319/ADM6322.
2 Contact sales for the availability of nonstandard models. See Table 8 for a list of standard models.
3 Z = RoHS Compliant Part.
4 A minimum of 12,000 (four reels) must be ordered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com