Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP45520IMNTWGL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP45520IMNTWGL
Description  ecoSWITCH Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45520IMNTWGL Datasheet(HTML) 1 Page - ON Semiconductor

  NCP45520IMNTWGL Datasheet HTML 1Page - ON Semiconductor NCP45520IMNTWGL Datasheet HTML 2Page - ON Semiconductor NCP45520IMNTWGL Datasheet HTML 3Page - ON Semiconductor NCP45520IMNTWGL Datasheet HTML 4Page - ON Semiconductor NCP45520IMNTWGL Datasheet HTML 5Page - ON Semiconductor NCP45520IMNTWGL Datasheet HTML 6Page - ON Semiconductor NCP45520IMNTWGL Datasheet HTML 7Page - ON Semiconductor NCP45520IMNTWGL Datasheet HTML 8Page - ON Semiconductor NCP45520IMNTWGL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2013
January, 2013 − Rev. 1
1
Publication Order Number:
NCP45520/D
NCP45520, NCP45521
ecoSWITCH
t
Advanced Load Management
Controlled Load Switch with Low RON
The NCP4552x series of load switches provide a component and
area-reducing solution for efficient power domain switching with
inrush current limit via soft start. In addition to integrated control
functionality with ultra low on−resistance, these devices offer system
safeguards and monitoring via fault protection and power good
signaling. This cost effective solution is ideal for power management
and hot-swap applications requiring low power consumption in a
small footprint.
Features
• Advanced Controller with Charge Pump
• Integrated N-Channel MOSFET with Low RON
• Input Voltage Range 0.5 V to 13.5 V
• Soft-Start via Controlled Slew Rate
• Adjustable Slew Rate Control (NCP45521)
• Power Good Signal (NCP45520)
• Thermal Shutdown
• Undervoltage Lockout
• Short-Circuit Protection
• Extremely Low Standby Current
• Load Bleed (Quick Discharge)
• This is a Pb−Free Device
Typical Applications
• Portable Electronics and Systems
• Notebook and Tablet Computers
• Telecom, Networking, Medical, and Industrial Equipment
• Set−Top Boxes, Servers, and Gateways
• Hot Swap Devices and Peripheral Ports
Figure 1. Block Diagram
(*Note: either PG or SR available for each part)
EN
Bandgap
&
Biases
Charge
Pump
Delay and
Slew Rate
Control
GND
BLEED
Thermal,
Undervoltage
&
Short−Circuit
Protection
SR*
Control
Logic
PG*
VOUT
VIN
VCC
DFN8, 2x2
CASE 506CC
MARKING DIAGRAM
http://onsemi.com
RON TYP
VCC
IMAX
9.5 mW
3.3 V
10.5 A
3.3 V
10.1 mW
VIN
1.8 V
5.0 V
PIN CONFIGURATION
(Top View)
See detailed ordering and shipping information on page 9 of
this data sheet.
ORDERING INFORMATION
1
XX = PH for NCP45520−H
= PL for NCP45520−L
= SH for NCP45521−H
= SL for NCP45521−L
M
= Date Code
G
= Pb−Free Package
XX MG
G
1
(Note: Microdot may be in either location)
12.8 mW
3.3 V
12 V
1
PG or SR
EN
GND
BLEED
4
2
3
8
7
6
5
9: VIN
VOUT
VOUT
VCC
VIN


Similar Part No. - NCP45520IMNTWGL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45520IMNTWG-H ONSEMI-NCP45520IMNTWG-H Datasheet
140Kb / 15P
Advanced Load Management
September, 2014 ??Rev. 3
NCP45520IMNTWG-L ONSEMI-NCP45520IMNTWG-L Datasheet
140Kb / 15P
Advanced Load Management
September, 2014 ??Rev. 3
More results

Similar Description - NCP45520IMNTWGL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45560IMNTWG-H ONSEMI-NCP45560IMNTWG-H Datasheet
171Kb / 13P
ecoSWITCH Advanced Load Management
November, 2013 ??Rev. 1
NCP4545IMNTWG ONSEMI-NCP4545IMNTWG Datasheet
246Kb / 10P
ecoSwitch Advanced Load Management
January, 2012 ??Rev. 1
NCP4543 ONSEMI-NCP4543_16 Datasheet
207Kb / 10P
Advanced Load Management ecoSwitch
November, 2016 ??Rev. 5
NCP4545 ONSEMI-NCP4545 Datasheet
201Kb / 11P
ecoSwitch Advanced Load Management
November, 2016 ??Rev. 2
NCP45524 ONSEMI-NCP45524_16 Datasheet
128Kb / 14P
ecoSWITCH Advanced Load Management
November, 2016 ??Rev. 4
NCP45540 ONSEMI-NCP45540_18 Datasheet
169Kb / 13P
ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
NCP45541 ONSEMI-NCP45541_18 Datasheet
163Kb / 13P
ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 5
NCP45560 ONSEMI-NCP45560_18 Datasheet
172Kb / 13P
ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
NCP45750 ONSEMI-NCP45750 Datasheet
180Kb / 11P
ecoSwitch Advanced Load Management
May, 2020 ??Rev. 3
NCP45760 ONSEMI-NCP45760 Datasheet
171Kb / 11P
ecoSwitch Advanced Load Management
June, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com