Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9774ASZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9774ASZ
Description  14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9774ASZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9774ASZ Datasheet HTML 2Page - Analog Devices AD9774ASZ Datasheet HTML 3Page - Analog Devices AD9774ASZ Datasheet HTML 4Page - Analog Devices AD9774ASZ Datasheet HTML 5Page - Analog Devices AD9774ASZ Datasheet HTML 6Page - Analog Devices AD9774ASZ Datasheet HTML 7Page - Analog Devices AD9774ASZ Datasheet HTML 8Page - Analog Devices AD9774ASZ Datasheet HTML 9Page - Analog Devices AD9774ASZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD9774
–6–
REV. B
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Description
1, 19, 40, 44
DCOM
Digital Common.
2
DB13
Most Significant Data Bit (MSB).
3–14
DB12–DB1
Data Bits 1–12.
15
DB0
Least Significant Data Bit (LSB).
16, 17, 42
NC
No Internal Connection.
18, 41
DVDD
Digital Supply Voltage (+2.7 V to +5.5 V).
20
CLK IN/OUT
Clock Input when PLL Clock Multiplier enabled. Clock Output when PLL Clock Multiplier
disabled. Data latched on rising edge.
21
PLLLOCK
Phase Lock Loop Lock Signal. Active High indicates PLL is locked to input clock.
22
CLK4
×IN
External 4
× Clock Input when PLL is disabled. No Connect when internal PLL is active.
23
PLLDIVIDE
PLL Range Control Pin. Connect to PLLCOM if CLKIN is above 10 MSPS. Connect to
PLLVDD if CLKIN is between 10 MSPS and 5.5 MSPS.
24
VCO IN/EXT
Internal Voltage Controlled Oscillator (VCO) Enable/Disable Pin. Connect to PLLVDD to enable
VCO. Connect to PLLCOM to disable VCO and drive CLK4
×IN with external VCO output.
25
LPF
PLL Loop Filter Node. Connect to external VCO control input if internal VCO disabled.
26
PLLVDD
Phase Lock Loop (PLL) Supply Voltage (+2.7 V to +5.5 V). Must be set to similar voltage as DVDD.
27
PLLCOM
Phase Lock Loop Common.
28
PLLENABLE
Phase Lock Loop Enable. Connect to PLLVDD to enable. Connect to PLLCOM to disable.
29
UNUSED
Factory Test. Leave Open.
30
REFLO
Reference Ground when Internal 1.2 V Reference Used. Connect to AVDD to disable internal
reference.
31
REFIO
Reference Input/Output. Serves as reference input when internal reference disabled (i.e., tie REFLO
to AVDD). Serves as 1.2 V reference output when internal reference activated (i.e., tie REFLO to
ACOM). Requires 0.1
µF capacitor to ACOM when internal reference activated.
32
FSADJ
Full-Scale Current Output Adjust.
33
REFCOMP
Noise Reduction Node. Add 0.1
µF to AVDD.
34
ACOM
Analog Common.
35
AVDD
Analog Supply Voltage (+2.7 V to +5.5 V).
36
IOUTB
Complementary DAC Current Output. Full-scale current when all data bits are 0s.
37
IOUTA
DAC Current Output. Full-scale current when all data bits are 1s.
38
ICOMP
Internal bias node for switch driver circuitry. Decouple to ACOM with 0.1
µF capacitor.
39
SLEEP
Power-Down Control Input. Active High. Connect to DCOM if not used.
43
SNOOZE
SNOOZE Control Input. Deactivates 4
× interpolation filter to reduce digital power consumption
only. Active High. Connect to DCOM if not used.
PIN CONFIGURATION
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36 35 34
37
29
30
31
32
33
27
28
25
26
23
24
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12 13 14 15 16 17 18 19 20 21 22
REFCOMP
FSADJ
REFIO
REFLO
UNUSED
PLLENABLE
PLLCOM
AD9774
DCOM
DB13
DB12
DB11
DB10
DB9
DB8
NC = NO CONNECT
DB7
DB6
DB5
DB4
PLLVDD
LPF
VCO IN/EXT
PLLDIVIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com