Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9266-80EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9266-80EBZ
Description  16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9266-80EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9266-80EBZ Datasheet HTML 23Page - Analog Devices AD9266-80EBZ Datasheet HTML 24Page - Analog Devices AD9266-80EBZ Datasheet HTML 25Page - Analog Devices AD9266-80EBZ Datasheet HTML 26Page - Analog Devices AD9266-80EBZ Datasheet HTML 27Page - Analog Devices AD9266-80EBZ Datasheet HTML 28Page - Analog Devices AD9266-80EBZ Datasheet HTML 29Page - Analog Devices AD9266-80EBZ Datasheet HTML 30Page - Analog Devices AD9266-80EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD9266
Rev. A | Page 27 of 32
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table (see Table 16)
contains eight bit locations. The memory map is roughly
divided into four sections: the chip configuration registers
(Address 0x00 to Address 0x02); the device index and transfer
register (Address 0xFF); the program registers, including setup,
control, and test (Address 0x08 to Address 0x2A); and the
AD9266-specific customer SPI control register (Address 0x101).
Table 16 documents the default hexadecimal value for each hexa-
decimal address shown. The column with the heading Bit 7 (MSB)
is the start of the default hexadecimal value given. For example,
Address 0x2A, the OR/MODE select register, has a hexadecimal
default value of 0x01. This means that in Address 0x2A,
Bits[7:1] = 0, and Bit 0 = 1. This setting is the default OR/MODE
setting. The default value results in the programmable external
MODE/OR pin (Pin 23) functioning as an out-of-range digital
output. For more information on this function and others, see the
AN-877 Application Note, Interfacing to High Speed ADCs via SPI.
This application note details the functions controlled by Register
0x00 to Register 0xFF. The remaining register, Register 0x101, is
documented in the Memory Map Register Descriptions section
that follows Table 16.
OPEN LOCATIONS
All address and bit locations that are not included in the SPI map
are not currently supported for this device. Unused bits of a valid
address location should be written with 0s. Writing to these loca-
tions is required only when part of an address location is open
(for example, Address 0x2A). If the entire address location is
open, it is omitted from the SPI map (for example, Address 0x13)
and should not be written.
DEFAULT VALUES
After the AD9266 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table (see Table 16).
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Transfer Register Map
Address 0x08 to Address 0x18 are shadowed. Writes to these
addresses do not affect part operation until a transfer command
is issued by writing 0x01 to Address 0xFF, setting the transfer bit.
This allows these registers to be updated internally and simulta-
neously when the transfer bit is set. The internal update takes
place when the transfer bit is set, and then the bit autoclears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com