Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM811ZART Datasheet(PDF) 9 Page - Analog Devices

Part # ADM811ZART
Description  Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM811ZART Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM811ZART Datasheet HTML 4Page - Analog Devices ADM811ZART Datasheet HTML 5Page - Analog Devices ADM811ZART Datasheet HTML 6Page - Analog Devices ADM811ZART Datasheet HTML 7Page - Analog Devices ADM811ZART Datasheet HTML 8Page - Analog Devices ADM811ZART Datasheet HTML 9Page - Analog Devices ADM811ZART Datasheet HTML 10Page - Analog Devices ADM811ZART Datasheet HTML 11Page - Analog Devices ADM811ZART Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADM811/ADM812
Rev. G | Page 9 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS TO-253-AA
0.89
0.76
0.50
0.30
0.100
0.013
3.04
2.90
2.80
1.07
0.90
0.75
1.92 BSC
1.72 REF
0.20
BSC
0.54 REF
1
2
3
4
1.40
1.30
1.20
2.64
2.10
8°
0°
0.60
0.50
0.40
0.20
0.08
1.22
0.80
SEATING
PLANE
Figure 12. 4-Lead Small Outline Transistor Package [SOT-143]
(RA-4)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com