Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7105ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP7105ACPZ-R2
Description  20 V, 500 mA, Low Noise LDO Regulator with Soft Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7105ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP7105ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADP7105
Data Sheet
Rev. 0 | Page 20 of 28
POWER-GOOD FEATURE
The ADP7105 provides a power-good pin (PG) to indicate
the status of the output. This open-drain output requires an
external pull-up resistor to VIN or VOUT. If the part is in
shutdown mode, current-limit mode, or thermal shutdown, or
if VOUT falls below 90% of the nominal output voltage, the
power-good pin (PG) immediately transitions low. During soft
start, the rising threshold of the power-good signal is 93.5% of
the nominal output voltage.
The open-drain output is held low when the ADP7105 has suffi-
cient input voltage to turn on the internal PG transistor. The PG
transistor is terminated via a pull-up resistor to VOUT or VIN.
Power-good accuracy is 93.5% of the nominal regulator output
voltage when this voltage is rising, with a 90.8% trip point when
this voltage is falling. Regulator input voltage brownouts or
glitches trigger power no good signals if VOUT falls below 90.8%
of the nominal output voltage.
A normal power-down causes the power-good signal to go low
when VOUT falls below 90.8%.
Figure 68 and Figure 69 show the typical power-good rising and
falling thresholds over temperature.
Figure 68. Typical Power-Good Threshold vs. Output Voltage and
Temperature, VOUT Rising
Figure 69. Typical Power-Good Threshold vs. Output Voltage and
Temperature, VOUT Falling
NOISE REDUCTION OF THE ADJUSTABLE
ADP7105
The ultralow output noise of the fixed output ADP7105 is
achieved by keeping the LDO error amplifier in unity gain
and setting the reference voltage equal to the output voltage.
This architecture does not apply to the adjustable output voltage
LDO regulator. The adjustable output ADP7105 uses the more
conventional architecture where the reference voltage is fixed
and the error amplifier gain is a function of the output voltage.
The disadvantage of the conventional LDO architecture is that
the output voltage noise is proportional to the output voltage.
The adjustable LDO circuit can be modified slightly to reduce
the output voltage noise to levels close to that of the fixed output
ADP7105. The circuit shown in Figure 70 adds two additional
components to the output voltage setting resistor divider. CNR
and RNR are added in parallel with RFB1 to reduce the ac gain of
the error amplifier. RNR is chosen to be equal to RFB2. This limits
the ac gain of the error amplifier to approximately 6 dB. The
actual gain is the parallel combination of RNR and RFB1 divided
by RFB2. This ensures that the error amplifier always operates at
greater than unity gain.
CNR is chosen by setting the reactance of CNR equal to RFB1 − RNR
at a frequency between 50 Hz and 100 Hz. This capacitor value sets
the frequency so that the ac gain of the error amplifier is 3 dB
less than its dc gain.
Figure 70. Noise Reduction Modification to Adjustable LDO Regulator
The noise of the adjustable LDO regulator can be found by
using the following formula, assuming the noise of a fixed
output LDO is approximately 15 μV:


+
+
×
k
Ω
13
/
k
Ω
2
.
40
/
1
k
Ω
1/13
1
1
μV
15
Based on the component values shown in Figure 70, the
ADP7105 has the following characteristics:
•
DC gain of 4.09 (12.2 dB)
•
3 dB roll-off frequency of 59 Hz
•
High frequency ac gain of 1.76 (4.89 dB)
•
Noise reduction factor of 1.33 (2.59 dB)
•
RMS noise of the ADP7105 adjustable LDO without noise
reduction of 27.8 µV rms
•
RMS noise of the ADP7105 adjustable LDO with noise
reduction (assuming 15 µV rms for fixed voltage option)
of 19.95 µV rms
0
1
2
3
4
5
6
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
VOUT (V)
–40°C
–5°C
+25°C
+85°C
+125°C
0
1
2
3
4
5
6
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
VOUT (V)
–40°C
–5°C
+25°C
+85°C
+125°C
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
ADJ
EN/
UVLO
RPG
100kΩ
R4
100k
Ω
R3
100k
Ω
COUT
1µF
CIN
1µF
ON
OFF
RNR
13k
Ω
RFB2
13k
Ω
+
+
RFB1
40.2k
Ω
CNR
100nF
+
SS
CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com