Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7105ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP7105ACPZ-R7
Description  20 V, 500 mA, Low Noise LDO Regulator with Soft Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7105ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP7105ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP7105ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP7105ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP7105ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP7105ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP7105ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP7105ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP7105ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP7105ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADP7105
Rev. 0 | Page 23 of 28
In the case where the board temperature is known, use the ΨJB
thermal characterization parameter to estimate the junction
temperature rise (see Figure 77 and Figure 78). Maximum
junction temperature (TJ) is calculated from the board tempera-
ture (TB) and power dissipation (PD) using the following
formula:
TJ = TB + (PD × ΨJB)
(5)
The typical value of ΨJB is 15.1°C/W for the 8-lead LFCSP package
and 31.3°C/W for the 8-lead SOIC package (see Table 7).
Figure 77. LFCSP
Figure 78. SOIC
TOTAL POWER DISSIPATION (W)
0
20
40
60
80
100
120
140
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
TB = 25°C
TB = 50°C
TB = 65°C
TB = 85°C
TJ MAX
TOTAL POWER DISSIPATION (W)
0
20
40
60
80
100
120
140
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TB = 25°C
TB = 50°C
TB = 65°C
TB = 85°C
TJ MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com