Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM812LART Datasheet(PDF) 6 Page - Analog Devices

Part # ADM812LART
Description  Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM812LART Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM812LART Datasheet HTML 2Page - Analog Devices ADM812LART Datasheet HTML 3Page - Analog Devices ADM812LART Datasheet HTML 4Page - Analog Devices ADM812LART Datasheet HTML 5Page - Analog Devices ADM812LART Datasheet HTML 6Page - Analog Devices ADM812LART Datasheet HTML 7Page - Analog Devices ADM812LART Datasheet HTML 8Page - Analog Devices ADM812LART Datasheet HTML 9Page - Analog Devices ADM812LART Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM811/ADM812
Data Sheet
Rev. G | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
12
0
2
4
6
8
10
–40
–20
0
20
30
50
70
85
100
120
TEMPERATURE (°C)
IDD @ VCC = 5.5V
IDD @ VCC = 3V
IDD @ VCC = 1V
Figure 4. Supply Current vs. Temperature (ADM81xR/S/T/Z)
1000
900
800
700
600
500
400
300
200
100
0
–40
–20
0
20
30
50
70
85
100
120
TEMPERATURE (°C)
VOD = 20mV
VOD = 125mV
VOD = 200mV
Figure 5. Power-Down RESET Delay vs. Temperature (ADM81xR/S/T/Z)
299
294
279
274
269
264
259
254
249
244
–40
–20
0
20
30
50
70
85
100
120
TEMPERATURE (°C)
ADM81xL/M
ADM81xR/S/T/Z
Figure 6. Power-Up RESET Timeout vs. Temperature
10
9
8
7
6
5
4
2
3
1
0
–40
–20
0
20
30
50
70
85
100
120
TEMPERATURE (°C)
IDD @ VCC = 5.5V
IDD @ VCC = 3V
IDD @ VCC = 1V
Figure 7. Supply Current vs. Temperature (ADM81xL/M)
900
800
700
600
500
400
300
200
100
0
–40
–20
0
20
30
50
70
85
100
120
TEMPERATURE (°C)
VOD = 20mV
VOD = 125mV
VOD = 200mV
Figure 8. Power-Down RESET Delay vs. Temperature (ADM81xL/M)
1.007
1.006
0.995
0.996
0.997
0.998
0.999
1.000
1.001
1.002
1.002
1.003
1.004
1.005
–40
–20
0
20
30
50
70
85
100
120
TEMPERATURE (°C)
Figure 9. RESET Threshold Deviation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com