Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM812TART Datasheet(PDF) 5 Page - Analog Devices

Part # ADM812TART
Description  Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM812TART Datasheet(HTML) 5 Page - Analog Devices

  ADM812TART Datasheet HTML 1Page - Analog Devices ADM812TART Datasheet HTML 2Page - Analog Devices ADM812TART Datasheet HTML 3Page - Analog Devices ADM812TART Datasheet HTML 4Page - Analog Devices ADM812TART Datasheet HTML 5Page - Analog Devices ADM812TART Datasheet HTML 6Page - Analog Devices ADM812TART Datasheet HTML 7Page - Analog Devices ADM812TART Datasheet HTML 8Page - Analog Devices ADM812TART Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADM811/ADM812
Rev. G | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADM811/
ADM812
TOP VIEW
(Not to Scale)
GND
1
RESET/RESET
2
VCC
MR
4
3
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Reference For All Signals, 0 V.
2
RESET (ADM811)
Active Low Logic Output. RESET remains low while VCC is below the reset threshold or when MR is low;
RESET then remains low for at least 140 ms (at least 300 ms for the ADM811-3T) after VCC rises above the
reset threshold.
RESET (ADM812)
Active High Logic Output. RESET remains high while VCC is below the reset threshold or when MR is low;
RESET then remains high for 240 ms (typical) after VCC rises above the reset threshold.
3
MR
Manual Reset. This active low debounced input ignores input pulses of 100 ns or less (typical) and is
guaranteed to accept input pulses of greater than 10 µs. Leave floating when not used.
4
VCC
Monitored Supply Voltage of 2.5 V, 3 V, 3.3 V, or 5 V. A 0.1 µF decoupling capacitor between VCC and the
GND pin is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com