Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCPZ62I-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADuC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCPZ62I-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADuC7023BCPZ62I-R7 Datasheet HTML 8Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 9Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 10Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 11Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 12Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 13Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 14Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 15Page - Analog Devices ADuC7023BCPZ62I-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
ADuC7023
Data Sheet
| Page 12 of 96
Table 7. SPI Slave Mode Timing (Phase Mode = 0)
Parameter
Description
Min
Typ
Max
Unit
t
SS
SS to SCLK edge
200
ns
tSL
SCLK low pulse width1
(SPIDIV + 1) × tUCLK
ns
tSH
SCLK high pulse width1
(SPIDIV + 1) × tUCLK
ns
tDAV
Data output valid after SCLK edge
25
ns
tDSU
Data input setup time before SCLK edge1
1 × tUCLK
ns
tDHD
Data input hold time after SCLK edge1
2 × tUCLK
ns
tDF
Data output fall time
5
12.5
ns
tDR
Data output rise time
5
12.5
ns
tSR
SCLK rise time
5
12.5
ns
tSF
SCLK fall time
5
12.5
ns
tDOCS
Data output valid after SS edge
25
ns
tSFS
SS high after SCLK edge
0
ns
1
tUCLK = 23.9 ns. It corresponds to the 41.78 MHz internal clock from the PLL before the clock divider.
MSB IN
BIT 6 TO BIT 1
LSB IN
MSB
BIT 6 TO BIT 1
LSB
MOSI
MISO
SCLK
(POLARITY = 0)
SCLK
(POLARITY = 1)
tSF
tSFS
tSR
tSL
tDAV
tSH
tDF
tDR
tDSU
tDOCS
tDHD
SS
tSS
Figure 6. SPI Slave Mode Timing (Phase Mode = 0)
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com