Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB101S Datasheet(PDF) 5 Page - Formosa MS

Part # DB101S
Description  SMD Bridge Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DB101S Datasheet(HTML) 5 Page - Formosa MS

  DB101S Datasheet HTML 1Page - Formosa MS DB101S Datasheet HTML 2Page - Formosa MS DB101S Datasheet HTML 3Page - Formosa MS DB101S Datasheet HTML 4Page - Formosa MS DB101S Datasheet HTML 5Page - Formosa MS DB101S Datasheet HTML 6Page - Formosa MS DB101S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
01234
564
589 1 4
95














!
"#$
%
&'
(
%
%
)
%*)
+
%
%
)
%$
&+
%
%
)
%,+
(,%
#'-+#$

./0$#12)
)
!%
3/0$#12)
)
!%
./0$)
&&%)
!%
3/0$)
&&%)
!%
+#$
)
!%
(,%
#'-+#$
,#2))
#&
1&'++#$
,#2))
#&
1&'++#$
,)'+
(,%
#'-+#$
,)'+
!4#22!&'&%
0$*)
+
56%
$
$,+)
'-&22
",*)
+







"








(7!4#$
8

8

8

!)
&
!)
&
8

8

8
.
8

8

8

8

8

8

8

8

8

1&)9
!!
8

..8

:
8

:
.8

8
3
38

8

;8

8

8
.
<8

8

=#9
6)
'2%,'-)
&''#%&'*)+
2&%0(:;>:&2,')
?
)
')
#&2$
)
24#68
>8
<;
8
;
.8

@9 9A1BC
DEFGFCHIJKDEFGLC
+ ,9
M
M
***8
?
#%!#2!28
'#!M
"N9
>><::<O<<<
P9
>><::<O<;
QRSUVW
XYZ[Z\]
W
^
W
ZV
#'1!& 


221
06)
2 06)
2)
#&
8
(:;
>M
M

M
.M


3
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com