Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB152S Datasheet(PDF) 1 Page - Formosa MS

Part # DB152S
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DB152S Datasheet(HTML) 1 Page - Formosa MS

  DB152S Datasheet HTML 1Page - Formosa MS DB152S Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DBL151S THRU DBL157S
■ Features
■ Outline Dimensions and Mark
●
Io
1.5A
●
VRRM
50V~1000V
●
玻璃钝化芯片
Glass passivated chip
●
耐正向浪涌电流能力高
High surge forward current capability
■ Applications
●
作一般电源单相桥式整流用
General purpose 1 phase Bridge
rectifier applications
■Limiting Values(Absolute Maximum Rating)
DB1
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
51S 52S 53S 54S 55S 56S 57S
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
50
100 200 400 600 800 1000
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz正弦波,
电阻负载,
Ta=25℃
60Hz sine wave,
R-load ,Ta=25℃
安装在玻璃-环氧基板上
On glass-epoxi substrate
1.5
正向(不重复)浪涌电流
Surge(Non-
repetitive)Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
30
正向浪涌电流的平方对电流
浪涌持续时间的积分值
Current Squared Time
I
2t
A
2S
1ms≤t<8.3ms Tj=25℃,单个二极管
1ms≤t<8.3ms Tj=25℃,Rating of per diode
3.7
存储温度
Storage Temperature
Tstg
℃
-55 ~+150
结温
Junction Temperature
Tj
℃
-55 ~+150
■Electrical Characteristics(T
a=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=1.5A, 脉冲测试,单个二极管的额定值
IFM=1.5A, Pulse measurement, Rating of per diode
1.1
反向峰值电流
Peak Reverse Current
IRRM
μA
VRM=VRRM ,脉冲测试,单个二极管的额定值
VRM=VRRM , Pulse measurement, Rating of per diode
10
RθJ-A
结和环境之间,安装在玻璃-环氧基板上
Between junction and ambient, On glass-epoxi substrate
68
热阻
Thermal Resistance
RθJ-L
℃/W
结和引线之间
Between junction and lead
15
Dimensions in inches and (millimeters)
.255(6.5)
.245(6.2)
.404(10.3)
.386(9.80)
.205(5.2)
.195(5.0)
.335(8.51)
.320(8.13)
.047(1.20)
.040(1.02)
.013(0.33)
.0088(0.22)
.060(1.53)
.040(1.02)
.013(0.33)
.003(0.076)
.094(2.40)
.091(2.30)
.083(2.10)
.071(1.80)
45°
-+
~~
DBLS
0.202
(5.12)
0.047
(1.20)
Mounting Pad Layout
0.344
(8.73)
0.087
(2.22)
Bridge Rectifier
Formosa MS
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-242145
2009/08/10
2010/03/10
B
2
深圳FMS
Kinter
131
6803
0058


Similar Part No. - DB152S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB152S RECTRON-DB152S Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB152S DCCOM-DB152S Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB152S FORMOSA-DB152S Datasheet
64Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB152S BILIN-DB152S Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
DB152S YANGJIE-DB152S Datasheet
263Kb / 2P
SINGLE PHASE 1.5AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DB152S

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com