Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ5347B Datasheet(PDF) 2 Page - Formosa MS

Part # SMBJ5347B
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ5347B Datasheet(HTML) 2 Page - Formosa MS

  SMBJ5347B Datasheet HTML 1Page - Formosa MS SMBJ5347B Datasheet HTML 2Page - Formosa MS SMBJ5347B Datasheet HTML 3Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Regulator
Maximum Zener
Maximum Reverse
Maximum
Maximum
Maximum
TYPE
Voltage
Impedance
Leakage Current
Zener Current Surge Current
Voltage
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IZSM
Regulator
(V)
(mA)
(Ω)(Ω)
(mA)
(μA)
(V)
(mA)
(A)
∆VZ
SMBJ5333B
3.3
380
3.0
400
1.0
300
1.0
1440
20.0
0.85
SMBJ5334B
3.6
350
2.5
500
1.0
150
1.0
1320
18.7
0.80
SMBJ5335B
3.9
320
2.0
500
1.0
50
1.0
1220
17.6
0.54
SMBJ5336B
4.3
290
2.0
500
1.0
10
1.0
1100
16.4
0.49
SMBJ5337B
4.7
260
2.0
450
1.0
5.0
1.0
1010
15.3
0.44
SMBJ5338B
5.1
240
1.5
400
1.0
1.0
1.0
930
14.4
0.39
SMBJ5339B
5.6
220
1.0
400
1.0
1.0
2.0
856
13.4
0.25
SMBJ5340B
6.0
200
1.0
300
1.0
1.0
3.0
790
12.7
0.19
SMBJ5341B
6.2
200
1.0
200
1.0
1.0
3.0
765
12.4
0.10
SMBJ5342B
6.8
175
1.0
200
1.0
10
5.2
700
11.5
0.15
SMBJ5343B
7.5
175
1.5
200
1.0
10
5.7
630
10.7
0.15
SMBJ5344B
8.2
150
1.5
200
1.0
10
6.2
580
10.0
0.20
SMBJ5345B
8.7
150
2.0
200
1.0
10
6.6
545
9.5
0.20
SMBJ5346B
9.1
150
2.0
150
1.0
7.5
6.9
520
9.2
0.22
SMBJ5347B
10
125
2.0
125
1.0
5.0
7.6
475
8.6
0.22
SMBJ5348B
11
125
2.5
125
1.0
5.0
8.4
430
8.0
0.25
SMBJ5349B
12
100
2.5
125
1.0
2.0
9.1
395
7.5
0.25
SMBJ5350B
13
100
2.5
100
1.0
1.0
9.9
365
7.0
0.25
SMBJ5351B
14
100
2.5
75
1.0
1.0
10.6
340
6.7
0.25
SMBJ5352B
15
75
2.5
75
1.0
1.0
11.5
315
6.3
0.25
SMBJ5353B
16
75
2.5
75
1.0
1.0
12.2
295
6.0
0.30
SMBJ5354B
17
70
2.5
75
1.0
0.5
12.9
280
5.8
0.35
SMBJ5355B
18
65
2.5
75
1.0
0.5
13.7
265
5.5
0.40
SMBJ5356B
19
65
3.0
75
1.0
0.5
14.4
250
5.3
0.40
SMBJ5357B
20
65
3.0
75
1.0
0.5
15.2
237
5.1
0.40
SMBJ5358B
22
50
3.5
75
1.0
0.5
16.7
216
4.7
0.45
SMBJ5359B
24
50
3.5
100
1.0
0.5
18.2
198
4.4
0.55
SMBJ5360B
25
50
4.0
110
1.0
0.5
19.0
190
4.3
0.55
SMBJ5361B
27
50
5.0
120
1.0
0.5
20.6
176
4.1
0.60
SMBJ5362B
28
50
6.0
130
1.0
0.5
21.2
170
3.9
0.60
SMBJ5363B
30
40
8.0
140
1.0
0.5
22.8
158
3.7
0.60
SMBJ5364B
33
40
10
150
1.0
0.5
25.1
144
3.5
0.60
SMBJ5365B
36
30
11
160
1.0
0.5
27.4
132
3.3
0.65
SMBJ5366B
39
30
14
170
1.0
0.5
29.7
122
3.1
0.65
SMBJ5367B
43
30
20
190
1.0
0.5
32.7
110
2.8
0.70
SMBJ5368B
47
25
25
210
1.0
0.5
35.8
100
2.7
0.80
SMBJ5369B
51
25
27
230
1.0
0.5
38.8
93.0
2.5
0.90
SMBJ5370B
56
20
35
280
1.0
0.5
42.6
86.0
2.3
1.00
SMBJ5371B
60
20
40
350
1.0
0.5
45.5
79.0
2.2
1.20
SMBJ5372B
62
20
42
400
1.0
0.5
47.1
76.0
2.1
1.35
SMBJ5373B
68
20
44
500
1.0
0.5
51.7
70.0
2.0
1.50
SMBJ5374B
75
20
45
620
1.0
0.5
56.0
63.0
1.9
1.60
SMBJ5375B
82
15
65
720
1.0
0.5
62.2
58.0
1.8
1.80
SMBJ5376B
87
15
75
760
1.0
0.5
66.0
54.5
1.7
2.00
SMBJ5377B
91
15
75
760
1.0
0.5
69.2
52.5
1.6
2.20
SMBJ5378B
100
12
90
800
1.0
0.5
76.0
47.5
1.5
2.30
SMBJ5379B
110
12
125
1000
1.0
0.5
83.6
43.0
1.4
2.50
SMBJ5380B
120
10
170
1150
1.0
0.5
91.2
39.5
1.3
2.50
SMBJ5381B
130
10
190
1250
1.0
0.5
98.8
36.6
1.2
2.50
SMBJ5382B
140
8.0
230
1500
1.0
0.5
106
34.0
1.2
2.50
SMBJ5383B
150
8.0
330
1500
1.0
0.5
114
31.6
1.1
3.00
SMBJ5384B
160
8.0
350
1650
1.0
0.5
122
29.4
1.1
3.00
SMBJ5385B
170
8.0
380
1750
1.0
0.5
129
28.0
1.0
3.00
SMBJ5386B
180
5.0
430
1750
1.0
0.5
137
26.4
1.0
4.00
SMBJ5387B
190
5.0
450
1850
1.0
0.5
144
25.0
0.9
5.00
SMBJ5388B
200
5.0
480
1850
1.0
0.5
152
23.6
0.9
5.00
Notes :
(1) Suffix " B " indicates ± 5% tolerance, suffix " A " indicates ± 10% tolerance.
(2) The surge current (IZSM) is specified as the maximum peak of a non- recurrent half-sin wave of 8.3 ms duration.
(3) Voltage regulation (VZ) is the difference between the voltage measured at 10% and 50% of I ZM
SMBJ5333B Thru SMBJ5388B
SURFACEMOUNTSILICON ZENERDIODES
bKPOKQ40s
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222803
2008/02/10
2010/03/10
B
3
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com