Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDZJ6.2B Datasheet(PDF) 2 Page - Formosa MS

Part # GDZJ6.2B
Description  Zener diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GDZJ6.2B Datasheet(HTML) 2 Page - Formosa MS

  GDZJ6.2B Datasheet HTML 1Page - Formosa MS GDZJ6.2B Datasheet HTML 2Page - Formosa MS GDZJ6.2B Datasheet HTML 3Page - Formosa MS GDZJ6.2B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number
Nominal Zener Voltage
Max. Zener Impedance
Max Reverse
Leakage Current
Marking
Code
V Z @ IZT
ZZT @ I ZT
ZZK @ I ZK
IR @ VR
No m . V
Mi n. V
Ma x. V
Ω
mA
Ω
mA
μAV
500 mW Zener Diodes
GDZJ 2.0A
2
1.88
2.1
100
5
1000
0.5
120
0.5
Z2A0
GDZJ 2.0B
2
2.02
2.2
100
5
1000
0.5
120
0.5
Z2B0
GDZJ 2.2A
2.2
2.12
2.3
100
5
1000
0.5
120
0.7
Z2A2
GDZJ 2.2B
2.2
2.22
2.41
100
5
1000
0.5
120
0.7
Z2B2
GDZJ 2.4A
2.4
2.33
2.52
100
5
1000
0.5
120
1
Z2A4
GDZJ 2.4B
2.4
2.43
2.63
100
5
1000
0.5
120
1
Z2B4
GDZJ 2.7A
2.7
2.54
2.75
110
5
1000
0.5
120
1
Z2A7
GDZJ 2.7B
2.7
2.69
2.91
110
5
1000
0.5
120
1
Z2B7
GDZJ 3.0A
3.0
2.85
3.07
120
5
1000
0.5
50
1
Z3A0
GDZJ 3.0B
3.0
3.01
3.22
120
5
1000
0.5
50
1
Z3B0
GDZJ 3.3A
3.3
3.16
3.38
120
5
1000
0.5
20
1
Z3A3
GDZJ 3.3B
3.3
3.32
3.53
120
5
1000
0.5
20
1
Z3B3
GDZJ 3.6A
3.6
3.46
3.69
100
5
1000
1
10
1
Z3A6
GDZJ 3.6B
3.6
3.6
3.84
100
5
1000
1
10
1
Z3B6
GDZJ 3.9A
3.9
3.74
4.01
100
5
1000
1
5
1
Z3A9
GDZJ 3.9B
3.9
3.89
4.16
100
5
1000
1
5
1
Z3B9
GDZJ 4.3A
4.3
4.04
4.29
100
5
1000
1
5
1
Z4A3
GDZJ 4.3B
4.3
4.17
4.43
100
5
1000
1
5
1
Z4B3
GDZJ 4.3C
4.3
4.3
4.57
100
5
1000
1
5
1
Z4C3
GDZJ 4.7A
4.7
4.44
4.68
90
5
900
1
5
1
Z4A7
GDZJ 4.7B
4.7
4.55
4.8
90
5
900
1
5
1
Z4B7
GDZJ 4.7C
4.7
4.68
4.93
90
5
900
1
5
1
Z4C7
GDZJ 5.1A
5.1
4.81
5.07
80
5
800
1
5
1.5
Z5A1
GDZJ 5.1B
5.1
4.94
5.2
80
5
800
1
5
1.5
Z5B1
GDZJ 5.1C
5.1
5.09
5.37
80
5
800
1
5
1.5
Z5C1
GDZJ 5.6A
5.6
5.28
5.55
60
5
500
1
5
2.5
Z5A6
GDZJ 5.6B
5.6
5.45
5.73
60
5
500
1
5
2.5
Z5B6
GDZJ 5.6C
5.6
5.61
5.91
60
5
500
1
5
2.5
Z5C6
GDZJ 6.2A
6.2
5.78
6.09
60
5
300
1
5
3
Z6A2
GDZJ 6.2B
6.2
5.96
6.27
60
5
300
1
5
3
Z6B2
GDZJ 6.2C
6.2
6.12
6.44
60
5
300
1
5
3
Z6C2
GDZJ 6.8A
6.8
6.29
6.63
20
5
150
0.5
2
3.5
Z6A8
GDZJ 6.8B
6.8
6.49
6.83
20
5
150
0.5
2
3.5
Z6B8
GDZJ 6.8C
6.8
6.66
7.01
20
5
150
0.5
2
3.5
Z6C8
GDZJ 7.5A
7.5
6.85
7.22
20
5
120
0.5
0.5
4
Z7A5
GDZJ 7.5B
7.5
7.07
7.45
20
5
120
0.5
0.5
4
Z7B5
GDZJ 7.5C
7.5
7.29
7.67
20
5
120
0.5
0.5
4
Z7C5
GDZJ 8.2A
8.2
7.53
7.92
20
5
120
0.5
0.5
5
Z8A2
GDZJ 8.2B
8.2
7.78
8.19
20
5
120
0.5
0.5
5
Z8B2
GDZJ 8.2C
8.2
8.03
8.45
20
5
120
0.5
0.5
5
Z8C2
GDZJ 9.1A
9.1
8.29
8.73
25
5
120
0.5
0.5
6
Z9A1
GDZJ 9.1B
9.1
8.57
9.01
25
5
120
0.5
0.5
6
Z9B1
GDZJ 9.1C
9.1
8.83
9.3
25
5
120
0.5
0.5
6
Z9C1
GDZJ 10A
10
9.12
9.59
30
5
120
0.5
0.2
7
Z10A
GDZJ 10B
10
9.41
9.9
30
5
120
0.5
0.2
7
Z10B
GDZJ 10C
10
9.7
10.2
30
5
120
0.5
0.2
7
Z10C
GDZJ 10D
10
9.94
10.44
30
5
120
0.5
0.2
7
Z10D
GDZJ 11A
11
10.18
10.71
30
5
120
0.5
0.2
8
Z11A
GDZJ 11B
11
10.5
11.05
30
5
120
0.5
0.2
8
Z11B
GDZJ 11C
11
10.82
11.38
30
5
120
0.5
0.2
8
Z11C
Zener diode
GDZJ2.0 Thru GDZJ56
Formosa MS
Page 2
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221954
2009/08/10
2011/08/12
B
4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com