Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD813 Datasheet(PDF) 9 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD813 Datasheet HTML 5Page - Analog Devices AD813 Datasheet HTML 6Page - Analog Devices AD813 Datasheet HTML 7Page - Analog Devices AD813 Datasheet HTML 8Page - Analog Devices AD813 Datasheet HTML 9Page - Analog Devices AD813 Datasheet HTML 10Page - Analog Devices AD813 Datasheet HTML 11Page - Analog Devices AD813 Datasheet HTML 12Page - Analog Devices AD813 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AD813
REV. B
–9–
Figure 19. Open-Loop Transimpedance vs. Frequency
(Relative to 1
Ω)
Figure 16. Input Current and Voltage Noise vs.
Frequency
Figure 20. Harmonic Distortion vs. Frequency
Figure 17. Common-Mode Rejection vs. Frequency
Figure 21. Output Swing and Error vs. Settling Time
Figure 18. Power Supply Rejection vs. Frequency
SETTLING TIME – ns
10
–10
–4
–8
20
–6
2
–2
0
4
6
8
80
40
60
GAIN = –1
VS = 15V
1%
0.1%
0.025%
FREQUENCY – Hz
80
40
0
10k
100k
100M
10M
1M
20
60
50
30
10
70
15V
1.5V
100
10
1
10
100
100k
10k
1k
FREQUENCY – Hz
100
10
1
INVERTING INPUT CURRENT NOISE
VOLTAGE NOISE
NONINVERTING INPUT
CURRENT NOISE
10k
100k
100M
10M
1M
FREQUENCY – Hz
90
60
50
70
80
20
10
30
40
681
VOUT
VIN
681
VS = 15V
VS = 3V
681
681
10k
100k
100M
10M
1M
FREQUENCY – Hz
100
40
120
60
80
0
–45
–90
–135
–180
PHASE
GAIN
VS = 3V
VS = 15V
VS = 3V
VS = 15V
–30
FREQUENCY – Hz
1k
–130
10k
100k
1M
10M
100M
–70
–50
–110
–90
VS = 15V
2ND HARMONIC
VS = 5V
2ND
3RD
G = +2
VO = 2V p-p
VS = 15V: RL = 1k
VS = 5V: RL = 150
3RD HARMONIC
VS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com