Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7708 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power,ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7708 Datasheet HTML 20Page - Analog Devices AD7708 Datasheet HTML 21Page - Analog Devices AD7708 Datasheet HTML 22Page - Analog Devices AD7708 Datasheet HTML 23Page - Analog Devices AD7708 Datasheet HTML 24Page - Analog Devices AD7708 Datasheet HTML 25Page - Analog Devices AD7708 Datasheet HTML 26Page - Analog Devices AD7708 Datasheet HTML 27Page - Analog Devices AD7708 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
REV. 0
–24–
AD7708/AD7718
Table XI. Registers—Quick Reference Guide (continued)
Power-On/Reset
Register Name
Type
Size
Default Value
Function
AD7718
Offset Register
Read/Write
24 Bits
800 000 Hex
Contains a 24-bit word which is the offset calibration
coefficient for the part. The contents of this register
are used to provide offset correction on the output
from the digital filter. There are five Offset Registers
on the part and these are associated with input chan-
nels as outlined in the ADCCON register.
AD7718
Gain Register
Read/Write
24 Bits
5XXXX5 Hex
Contains a 24-bit word which is the gain calibration
coefficient for the part. The contents of this register
are used to provide gain correction on the output
from the digital filter. There are five Gain Registers
on the part and these are associated with input chan-
nels as outlined in the ADCCON register.
AD7708
Offset Register
Read/Write
16 Bits
8000 Hex
Contains a 16-bit word which is the offset calibration
coefficient for the part. The contents of this register
are used to provide offset correction on the output
from the digital filter. There are five Offset Registers
on the part and these are associated with input chan-
nels as outlined in the ADCCON register.
AD7708
Gain Register
Read/Write
16 Bits
5XXX Hex
Contains a 16-bit word which is the gain calibration
coefficient for the part. The contents of this register
are used to provide gain correction on the output
from the digital filter. There are five Gain Registers
on the part and these are associated with input chan-
nels as outlined in the ADCCON register.
AD7708
ID Register
Read
8 Bits
5X Hex
Contains an 8-bit byte which is the identifier for
the part.
AD7718
ID Register
Read
8 Bits
4X Hex
Contains an 8-bit byte which is the identifier for
the part.
Test Registers
Read/Write
16 Bits
0000 Hex
Controls the test modes of the part that are used
when testing the part. The user is advised not to
change the contents of these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com