Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7677 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7677
Description  16-Bit, 570 kSPS CMOS ADC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7677 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7677 Datasheet HTML 15Page - Analog Devices AD7677 Datasheet HTML 16Page - Analog Devices AD7677 Datasheet HTML 17Page - Analog Devices AD7677 Datasheet HTML 18Page - Analog Devices AD7677 Datasheet HTML 19Page - Analog Devices AD7677 Datasheet HTML 20Page - Analog Devices AD7677 Datasheet HTML 21Page - Analog Devices AD7677 Datasheet HTML 22Page - Analog Devices AD7677 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
REV.
AD7665
–20–
CNVST
SDOUT
SCLK
D1
D0
X
D15
D14
D13
12
3
14
15
16
t3
t35
t36 t37
t31
t32
t16
BUSY
INVSCLK = 0
CS, RD
EXT/
INT = 1
RD = 0
Figure 21. Slave Serial Data Timing for Reading (Read Previous Conversion during Convert)
External Clock Data Read during Conversion
Figure 21 shows the detailed timing diagrams of this method. Dur-
ing a conversion, while both
CS and RD are LOW, the result of
the previous conversion can be read. The data is shifted out, MSB
first, with 16 clock pulses and is valid on both the rising and
falling edge of the clock. The 16 bits have to be read before the
current conversion is complete. If that is not done, RDERROR
is pulsed HIGH and can be used to interrupt the host interface to
prevent incomplete data reading. There is no daisy-chain feature
in this mode, and RDC/SDIN input should always be tied either
HIGH or LOW.
To reduce performance degradation due to digital activity, a fast
discontinuous clock, at least 25 MHz when Impulse Mode is
used or 40 MHz when Normal or Warp Mode is used, is recom-
mended to ensure that all the bits are read during the first half
of the conversion phase. It is also possible to begin to read the
data after conversion and continue to read the last bits even after
a new conversion has been initiated. That allows the use of a slower
clock speed like 10 MHz in Impulse Mode, 12 MHz in Normal
Mode, and 15 MHz in Warp Mode.
MICROPROCESSOR INTERFACING
The AD7665 is ideally suited for traditional dc measurement
applications supporting a microprocessor and ac signal processing
applications interfacing to a digital signal processor. The AD7665
is designed to interface with either a parallel 8-bit or 16-bit wide
interface or with a general-purpose Serial Port or I/O Ports on a
microcontroller. A variety of external buffers can be used with
the AD7665 to prevent digital noise from coupling into the ADC.
The following sections illustrate the use of the AD7665 with
an SPI-equipped microcontroller, the ADSP-21065L and
ADSP-218x signal processors.
SPI Interface (MC68HC11)
Figure 22 shows an interface diagram between the AD7665 and
an SPI-equipped microcontroller, such as the MC68HC11. To
accommodate the slower speed of the microcontroller, the
AD7665 acts as a slave device and data must be read after conver-
sion. This mode also allows the daisy-chain feature. The convert
command could be initiated in response to an internal timer
interrupt. The reading of output data, one byte at a time, if
necessary, could be initiated in response to the end-of-conversion
signal (BUSY going LOW) using an interrupt line of the micro-
controller. The serial peripheral interface (SPI) on the MC68HC11
is configured for Master Mode (MSTR) = 1, Clock Polarity Bit
(CPOL) = 0, Clock Phase Bit (CPHA) = 1, and SPI interrupt
enable (SPIE) = 1 by writing to the SPI Control Register (SPCR).
The IRQ is configured for edge-sensitive-only operation
(IRQE = 1 in OPTION register).
IRQ
MC68HC11*
CNVST
AD7665*
BUSY
CS
MISO/SDI
SCK
I/O PORT
SDOUT
SCLK
INVSCLK
EXT/
INT
DVDD
*ADDITIONAL PINS OMITTED FOR CLARITY
SER/
PAR
RD
Figure 22. Interfacing the AD7665 to SPI Interface
ADSP-21065L in Master Serial Interface
As shown in Figure 23, the AD7665 can be interfaced to the
ADSP-21065L using the serial interface in Master Mode without
any glue logic required. This mode combines the advantages of
reducing the wire connections and the ability to read the data during
or after conversion at maximum speed transfer (DIVSCLK[0:1]
both low).
The AD7665 is configured for the Internal Clock Mode
(EXT/
INT LOW) and acts therefore as the master device. The
convert command can be generated by either an external low jitter
oscillator or, as shown, by a FLAG output of the ADSP-21065L
or by a frame output TFS of one Serial Port of the ADSP-21065L
that can be used like a timer. The Serial Port on the ADSP-
21065L is configured for external clock (IRFS = 0), rising edge
active (CKRE = 1), external late framed sync signals (IRFS = 0,
LAFS = 1, RFSR = 1), and active HIGH (LRFS = 0). The Serial
Port of the ADSP-21065L is configured by writing to its receive
control register (SRCTL)—see ADSP-2106x SHARC User’s
Manual. Because the Serial Port within the ADSP-21065L will
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com