Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD76871 Datasheet(PDF) 21 Page - Analog Devices

Part # AD76871
Description  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD76871 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD76871 Datasheet HTML 17Page - Analog Devices AD76871 Datasheet HTML 18Page - Analog Devices AD76871 Datasheet HTML 19Page - Analog Devices AD76871 Datasheet HTML 20Page - Analog Devices AD76871 Datasheet HTML 21Page - Analog Devices AD76871 Datasheet HTML 22Page - Analog Devices AD76871 Datasheet HTML 23Page - Analog Devices AD76871 Datasheet HTML 24Page - Analog Devices AD76871 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7986
Rev. B | Page 21 of 28
CS MODE, 4-WIRE WITHOUT BUSY INDICATOR
This mode is usually used when multiple AD7986 devices are
connected to an SPI-compatible digital host.
A connection diagram example using two AD7986 devices is
shown in Figure 29, and the corresponding timing is given in
Figure 30.
With SDI high, a rising edge on CNV initiates a conversion, selects
the CS mode, and forces SDO to high impedance. In this mode,
CNV must be held high during the conversion phase and the
subsequent data readback. (If SDI and CNV are low, SDO is
driven low.) Prior to the minimum conversion time, SDI can be
used to select other SPI devices, such as analog multiplexers,
but SDI must be returned high before the minimum conversion
time elapses and then held high for the maximum possible
conversion time to avoid the generation of the busy signal
indicator. When the conversion is complete, the AD7986 enters
the acquisition phase and powers down. Each ADC result can
be read by bringing its SDI input low, which consequently
outputs the MSB onto SDO. The remaining data bits are then
clocked by subsequent SCK falling edges. The data is valid on
both SCK edges. Although the rising edge can be used to capture
the data, a digital host using the SCK falling edge allows a faster
reading rate, provided that it has an acceptable hold time. After
the 18th SCK falling edge, SDO returns to high impedance and
another AD7986 can be read.
AD7986
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
CS1
CS2
AD7986
SDI
SDO
CNV
SCK
Figure 29. CS Mode, 4-Wire Without Busy Indicator Connection Diagram
ACQUISITION (n)
ACQUISITION
(n + 1)
ACQUISITION
(n – 1)
1
2
BEGIN DATA (n – 1)
CONVERSION (n)
END DATA (n – 1)
SCK
CNV
SDO
16
17
CONVERSION (n – 1)
END DATA (n – 2)
0
tCYC
tCONV
tDATA
tACQ
tCONV
tDATA
(I/O QUIET
TIME)
(I/O QUIET
TIME)
18
16
17
18
1
17
16
15
2
0
1
2
SDI
(QUIET
TIME)
tHSDICNV
tSSDICNV
tEN
tEN
tHSDO
tSCK
tDIS
tDIS
tHSDO
tQUIET
tDSDO
Figure 30. CS Mode, 4-Wire Without Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com