Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT-059 Datasheet(PDF) 8 Page - Analog Devices

Part # MT-059
Description  Quad 150 MHz Rail-to-Rail Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-059 Datasheet(HTML) 8 Page - Analog Devices

Back Button MT-059 Datasheet HTML 4Page - Analog Devices MT-059 Datasheet HTML 5Page - Analog Devices MT-059 Datasheet HTML 6Page - Analog Devices MT-059 Datasheet HTML 7Page - Analog Devices MT-059 Datasheet HTML 8Page - Analog Devices MT-059 Datasheet HTML 9Page - Analog Devices MT-059 Datasheet HTML 10Page - Analog Devices MT-059 Datasheet HTML 11Page - Analog Devices MT-059 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD8044
REV. B
–7–
FREQUENCY (Hz)
300
10
100
1k
10k
100k
1M
10M
100
10
3
1
30
Figure 10. Input Voltage Noise vs. Frequency
FUNDAMENTAL FREQUENCY (MHz)
–30
–80
–100
–40
–50
–60
–70
–90
110
8
56
7
9
23
4
VS = +3V,
RL = 100
AV = –1
VS = +5V,
RL = 100
AV = +1
VS = +5V,
RL = 100
AV = +2
VS = +5V,
RL = 1k
AV = +1
VS = +5V,
RL = 1k
AV = +2
VO = 2V p-p
Figure 11. Total Harmonic Distortion
OUTPUT VOLTAGE (V p-p)
0
5
0.5
1
1.5
2
2.5
3
3.5
4
4.5
–30
–40
–120
–80
–90
–100
–110
–60
–70
–50
–130
–140
VS = +5V
RL = 2k TO 2.5V
G = +2
1MHz
5MHz
10MHz
Figure 12. Worst Harmonic vs. Output Voltage
0
100
10
20
30
40
50
60
70
80
90
–0.04
0.00
–0.02
0.02
0.01
–0.01
–0.03
0.03
VS = +5V
G = +2
RL = 150
–0.15
0.05
–0.05
0.15
0.10
0.00
–0.10
0.20
–0.20
MODULATING RAMP LEVEL (IRE)
VS = +5V
G = +2
RL = 150
0
100
10
20
30
40
50
60
70
80
90
Figure 13. Differential Gain and Phase Errors
0.3
–0.1
–0.6
0.2
0.1
0.0
–0.2
–0.3
–0.4
–0.5
1M
100M
10M
VS = +5V
RF = 200
RL = 150 TO 2.5V
G = +2
Vi = 0.2V p-p
11.6MHz
FREQUENCY (Hz)
Figure 14. 0.1 dB Gain Flatness
80
40
–10
70
60
50
30
20
10
0
–20
30k
100k
1M
10M
100M
GAIN
PHASE
80MHz
FREQUENCY (Hz)
VS = +5V
RL = 2k
CL = 5pF
180
135
90
45
0
Figure 15. Open-Loop Gain and Phase Margin
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com