Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8232ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8232ACPZ-R7
Description  Single-Lead, Heart Rate Monitor Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8232ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8232
Data Sheet
Rev. A | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
HPDRIVE
High-Pass Driver Output. Connect HPDRIVE to the capacitor in the first high-pass filter. The AD8232 drives this pin
to keep HPSENSE at the same level as the reference voltage.
2
+IN
Instrumentation Amplifier Positive Input. +IN is typically connected to the left arm (LA) electrode.
3
−IN
Instrumentation Amplifier Negative Input. −IN is typically connected to the right arm (RA) electrode.
4
RLDFB
Right Leg Drive Feedback Input. RLDFB is the feedback terminal for the right leg drive circuit.
5
RLD
Right Leg Drive Output. Connect the driven electrode (typically, right leg) to the RLD pin.
6
SW
Fast Restore Switch Terminal. Connect this terminal to the output of the second high-pass filter.
7
OPAMP+
Operational Amplifier Noninverting Input.
8
REFOUT
Reference Buffer Output. The instrumentation amplifier output is referenced to this potential. Use REFOUT as a
virtual ground for any point in the circuit that needs a signal reference.
9
OPAMP−
Operational Amplifier Inverting Input.
10
OUT
Operational Amplifier Output. The fully conditioned heart rate signal is present at this output. OUT can be
connected to the input of an ADC.
11
LOD−
Leads Off Comparator Output. In dc leads off detection mode, LOD− is high when the electrode to −IN is
disconnected, and it is low when connected. In ac leads off detection mode, LOD− is always low.
12
LOD+
Leads Off Comparator Output. In dc leads off detection mode, LOD+ is high when the +IN electrode is
disconnected, and it is low when connected. In ac leads off detection mode, LOD+ is high when either the −IN
or +IN electrode is disconnected, and it is low when both electrodes are connected.
13
SDN
Shutdown Control Input. Drive SDN low to enter the low power shutdown mode.
14
AC/DC
Leads Off Mode Control Input. Drive the AC/DC pin low for dc leads off mode. Drive the AC/DC pin high for ac leads
off mode.
15
FR
Fast Restore Control Input. Drive FR high to enable fast recovery mode; otherwise, drive it low.
16
GND
Power Supply Ground.
17
+VS
Power Supply Terminal.
18
REFIN
Reference Buffer Input. Use REFIN, a high impedance input terminal, to set the level of the reference buffer.
19
IAOUT
Instrumentation Amplifier Output Terminal.
20
HPSENSE
High-Pass Sense Input for Instrumentation Amplifier. Connect HPSENSE to the junction of R and C that sets the
corner frequency of the dc blocking circuit.
EP
Exposed Pad. Connect the exposed pad to GND or leave it unconnected.
14
13
12
1
3
4
AC/DC
15 FR
SDN
LOD+
11 LOD–
HPDRIVE
–IN
2
+IN
RLDFB
5
RLD
AD8232
TOP VIEW
NOTES
1. CONNECT THE EXPOSED PAD TO GND OR
LEAVE UNCONNECTED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com