Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000 Datasheet(PDF) 28 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 24Page - Analog Devices ADAS1000 Datasheet HTML 25Page - Analog Devices ADAS1000 Datasheet HTML 26Page - Analog Devices ADAS1000 Datasheet HTML 27Page - Analog Devices ADAS1000 Datasheet HTML 28Page - Analog Devices ADAS1000 Datasheet HTML 29Page - Analog Devices ADAS1000 Datasheet HTML 30Page - Analog Devices ADAS1000 Datasheet HTML 31Page - Analog Devices ADAS1000 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 28 of 80
ECG INPUTS—ELECTRODES/LEADS
The ADAS1000/ADAS1000-1/ADAS1000-2 ECG product
consists of 5 ECG inputs and a reference drive, RLD (right leg
drive). In a typical 5-lead/vector application, four of the ECG
inputs (ECG3_RA, ECG1_LA, ECG2_LL, ECG4_V1) would
be used in addition to the RLD path. This leaves one spare
ECG path (which could be used for other purposes, such as
calibration or temperature measurement). Both V1 and V2
input channels can be used for alternative measurements if
desired. When used in this way, the negative terminal of the
input stage can be switched to the fixed internal VCM_REF =
1.3 V; see details in Table 48.
In a 5-lead system, the ADAS1000/ADAS1000-1/ADAS1000-2
can provide Lead I, Lead II, and Lead III data or electrode data
directly via the serial interface at all frame rates. The other ECG
leads can be calculated by the user’s software from either the
lead data or the electrode data provided by the ADAS1000/
ADAS1000-1/ADAS1000-2. Note that in 128 kHz data rate, lead
data is only available when configured in analog lead mode as
shown in Figure 57. Digital lead mode is not available for this
data rate.
A 12-lead (10-electrode) system can be achieved using one
ADAS1000 or ADAS1000-1 device ganged together with one
ADAS1000-2 slave device as described in the Gang Mode
Operation section. Here, 9 ECG electrodes and one RLD
electrode achieve the 10 electrode system, again leaving one
spare ECG channel that could be used for alternate purposes as
suggested previously. In such a system, having nine dedicated
electrodes benefits the user by delivering lead information
based on electrode measurements and calculations rather
than deriving leads from other lead measurements.
Table 10 outlines the calculation of the leads (vector) from the
individual electrode measurements.
Table 10. Lead Composition1
Lead Name
Composition
Equivalent
ADAS1000 or ADAS1000-1
I
LA – RA
II
LL – RA
III
LL – LA
aVR2
RA – 0.5 × (LA + LL)
−0.5 × (I + II)
aVL2
LA – 0.5 × (LL + RA)
0.5 × (I − III)
aVF2
LL – 0.5 × (LA + RA)
0.5 × (II + III)
V1’
V1 – 0.333 × (LA + RA + LL)
V2’
V2 – 0.333 × (LA + RA + LL)
12 Leads Achieved by Adding ADAS1000-2 Slave
V3’
V3 – 0.333 × (LA + RA + LL)
V4’
V4 – 0.333 × (LA + RA + LL)
V5’
V5 – 0.333 × (LA + RA + LL)
V6’
V6 – 0.333 × (LA + RA + LL)
1
These lead compositions apply when the master ADAS1000 device is configured into lead mode (analog lead mode or digital lead mode) with VCM = WCT = (RA + LA
+ LL)/3. When configured for 12-lead operation with a master and slave device, the VCM signal derived on the master device (CM_OUT) is applied to the CM_IN of the
slave device. For correct operation of the slave device, the device must be configured in electrode mode (see the FRMCTL register in Table 35).
2
These augmented leads are not calculated within the ADAS1000, but can be derived in the host DSP/microcontroller/FPGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com