Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1S Datasheet(PDF) 3 Page - Formosa MS

Part # MB1S
Description  0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MB1S Datasheet(HTML) 3 Page - Formosa MS

  MB1S Datasheet HTML 1Page - Formosa MS MB1S Datasheet HTML 2Page - Formosa MS MB1S Datasheet HTML 3Page - Formosa MS MB1S Datasheet HTML 4Page - Formosa MS MB1S Datasheet HTML 5Page - Formosa MS MB1S Datasheet HTML 6Page - Formosa MS MB1S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
01235
789
8 889

9

7
!"
"
#$
%
%
&&&'
(
)*+),1+,'
-)+%
./0$
11234344252226
789$
112343442526:6
;)-<+3=">
;
>
,,<3?;1"
3
@3AB
,3?;1"
3 @3AB
,B
)=
0123'
;C34:66D1
4DD1%
D4%
6D
4D66%
D:%
4D
E
F
WLPRLHJMXPKJLYWLKZPLQLPILQM[JK\L T
^V
XG
\_
`a
JbWG
RK[PLQLPILRcKPKRJLPG
IJG
RI
def
f_
fd
f_
d
f
gf
ef
hf
if
dff
dgf
d_
f
df
dff
JjkdglmR
JjkglmR
d
e
df
dff
dff
df
d_
f
PLQLPILQM[JK\L QM[JI
XG
\_
la
JbWG
RK[jNHRJG
MHRKWKRG
JKHRL
JjkglmR n
kdocp
XG
\_
da
XMPqKPYRNPPLHJYLPKJG
H\RNPQL
KorG
LHJJLoWLPKJNPLSs
d_
f
f_
i
f_
h
f_
e
f_
g
f_
d
gf
ef
hf
dff
dgf
def
dhf
if
oMNHJLYMHrMKPY
IG
H\[LWcKILcK[XqKQLhfct
PLIG
IJG
QLMPG
HYNRJG
QL[MKY
XG
\_
gaoKuG
oNo HMHa
PLWLJG
JG
QL
INP\L RNPPLHJ
HNorLPMXRbR[LIKJhfct
d
g
l
df
gf
lf
dff
df
f
ef
`f
gf
WN[ILqG
YJci_
`vw
IG
H\[LcK[Xa
IG
HLa
qKQL
T
jLYLRoLJcMYV
f_
fd
f_
d
d_
f
df
G
HIJKHJKHLMNIXMPqKPYQM[JK\LS
QM[JI
XG
\_
ea
JbWG
RK[XMPqKPYRcKPKRJLPG
IJG
RI
JjkglmR
WN[ILqG
YJcx
`ffyw
g^ YNJbRbR[L
f
f_
g f_
e f_
h f_
i d_
f d_
g d_
e d_
h d_
i
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com